công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADDAC87D-CBI-V bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADDAC87D-CBI-V
Giải thích chi tiết về linh kiện  Complete Low Cost 12-Bit D/A Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADDAC87D-CBI-V bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADDAC87D-CBI-V Datasheet HTML 1Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 2Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 3Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 4Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 5Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 6Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 7Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 8Page - Analog Devices ADDAC87D-CBI-V Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADDAC80/ADDAC85/ADDAC87
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Complete Low Cost
12-Bit D/A Converters
FUNCTIONAL BLOCK DIAGRAM
*NC = CBI VERSIONS
5V – CCD VERSIONS
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
(LSB) BIT 12
VREF OUT
GAIN ADJUST
+VS
COMMON
SUMMING JUNCTION
20V RANGE
10V RANGE
BIPOLAR OFFSET
REF INPUT
VOUT
–VS
NC/+VL*
12-BIT
RESISTOR
LADDER
NETWORK
AND
CURRENT
SWITCHES
REF
CONTROL
CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
6.3k
5k
5k
ADDAC80
+
*NC = CBI VERSIONS
5V – CCD VERSIONS
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
(LSB) BIT 12
VREF OUT
GAIN ADJUST
+VS
COMMON
SCALING NETWORK
SCALING NETWORK
SCALING NETWORK
BIPOLAR OFFSET
REF INPUT
IOUT
–VS
NC/+VL*
12-BIT
RESISTOR
LADDER
NETWORK
AND
CURRENT
SWITCHES
REF
CONTROL
CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
6.3k
2k
5k
5k
FEATURES
Single Chip Construction
On-Board Output Amplifier
Low Power Dissipation: 300 mW
Monotonicity Guaranteed over Temperature
Guaranteed for Operation with 12 V Supplies
Improved Replacement for Standard DAC80, DAC800
Hl-5680
High Stability, High Current Output
Buried Zener Reference
Laser Trimmed to High Accuracy
1/2 LSB Max Nonlinearity
Low Cost Plastic Packaging
PRODUCT DESCRIPTION
The ADDAC80 Series is a family of low cost 12-bit digital-to-
analog converters with both a high stability voltage reference
and output amplifier combined on a single monolithic chip.
The ADDAC80 Series is recommended for all low cost 12-bit D/A
converter applications where reliability and cost are of paramount
importance.
Advanced circuit design and precision processing techniques
result in significant performance advantages over conventional
DAC80 devices. Innovative circuit design reduces the total
power consumption to 300 mW, which not only improves reli-
ability, but also improves long term stability.
The ADDAC80 incorporates a fully differential, nonsaturating
precision current switching cell structure which provides greatly
increased immunity to supply voltage variation. This same struc-
ture also reduces nonlinearities due to thermal transients as the
various bits are switched; nearly all critical components operate
at constant power dissipation. High stability, SiCr thin film
resistors are trimmed with a fine resolution laser, resulting in
lower differential nonlinearity errors. A low noise, high stability,
subsurface Zener diode is used to produce a reference voltage
with excellent long term stability, high external current capabil-
ity and temperature drift characteristics which challenge the
best discrete Zener references.
The ADDAC80 Series is available in three performance grades
and three package types. The ADDAC80 is specified for use
over the 0
°C to 70°C temperature range and is available in
both plastic and ceramic DIP packages. The ADDAC85 and
ADDAC87 are available in hermetically sealed ceramic packages
and are specified for the –25
°C to +85°C and –55°C to +125°C
temperature ranges.
PRODUCT HIGHLIGHTS
1. The ADDAC80 series of D/A converters directly replaces all
other devices of this type with significant increases in performance.
2. Single chip construction and low power consumption pro-
vides the optimum choice for applications where low cost
and high reliability are major considerations.
3. The high speed output amplifier has been designed to settle
within 1/2 LSB for a 10 V full scale transition in 2.0
µs, when
properly compensated.
4. The precision buried Zener reference can supply up to 2.5 mA
for use elsewhere in the application.
5. The low TC binary ladder guarantees that all units are mono-
tonic over the specified temperature range.
6. System performance upgrading is possible without redesign.


Số phần tương tự - ADDAC87D-CBI-V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADDAC87D-CBI-V AD-ADDAC87D-CBI-V Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
More results

Mô tả tương tự - ADDAC87D-CBI-V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com