công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADD8754 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADD8754
Giải thích chi tiết về linh kiện  LCD Panel Power, V, and Gate Modulation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADD8754 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADD8754_15 Datasheet HTML 4Page - Analog Devices ADD8754_15 Datasheet HTML 5Page - Analog Devices ADD8754_15 Datasheet HTML 6Page - Analog Devices ADD8754_15 Datasheet HTML 7Page - Analog Devices ADD8754_15 Datasheet HTML 8Page - Analog Devices ADD8754_15 Datasheet HTML 9Page - Analog Devices ADD8754_15 Datasheet HTML 10Page - Analog Devices ADD8754_15 Datasheet HTML 11Page - Analog Devices ADD8754_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADD8754
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
1
2
3
4
5
6
18
17
16
15
14
13
23
22
21
20
19
78
9
10
11
12
TOP VIEW
(Not to Scale)
ADD8754
GND
VGH_M
VFLK
VDPM
VDD_1
VDD_2
LX
VIN_2
FREQ
COMP
SS
VIN_1
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin
Mnemonic
Description
1
GND
Ground.
2
VGH_M
Gate Pulse Modulator Output. This pin supplies the gate drive signal.
3
VFLK
Gate Pulse Modulator Control Input.
4
VDPM
Gate Pulse Modulator Enable. VGH_M is enabled when the voltage on this pin is more than 2.2 V. VGH_M goes to
GND when this pin is connected to GND.
5
VDD_1
Gate Pulse Modulator Low Voltage Input.
6
VDD_2
V
Amplifier Supply.
COM
7
OUT
V
Amplifier Output.
COM
8
NEG
Inverting Input of V
Amplifier.
COM
9
POS
Noninverting Input of V
Amplifier.
COM
10
AGND
Analog Ground.
11
ADJ
LDO Output Voltage Select. Refer to Table 13 for details.
12
LDO_OUT
LDO Output.
13
VIN_1
Supply Input. This pin supplies power to the LDO and step-up switching regulator. Typically connected to VIN_2.
14
SS
Soft Start. A capacitor must be connected between GND and this pin to set the soft start time.
15
COMP
Compensation for the Step-Up Converter. A capacitor and resistor are connected in series between GND and this
pin for stable operation.
16
FREQ
Frequency Select. Set the switching frequency with a logic level. The step-up switching regulator operates at 650 kHz
when this pin is connected to GND and at 1.2 MHz when connected to VIN_1.
17
VIN_2
Step-Up Switching Regulator Power Supply. This pin supplies power to the driver for the switch. Typically
connected to VIN_1.
18
LX
Step-Up Switching Regulator Switch Node.
19
SHDN
Device Shutdown Pin. This pin allows users to shut the device off when connected to GND. The normal operating
mode is to pull this pin to VIN_1.
20
FB
Feedback Voltage Sense to Set the Output Voltage of the Step-Up Switching Regulator.
21
PGND
Step-Up Switching Regulator Power Ground.
22
CE
GPM Time Delay. A capacitor must be connected between GND and this pin to set the delay time.
23
RE
GPM Negative Ramp Rate. A resistor must be connected between GND and this pin to set the negative ramp rate.
24
VGH
Gate Pulse Modulator High Voltage Input.


Số phần tương tự - ADD8754_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8754ACPZ-REEL AD-ADD8754ACPZ-REEL Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754ACPZ-REEL7 AD-ADD8754ACPZ-REEL7 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
More results

Mô tả tương tự - ADD8754_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADD8754 AD-ADD8754 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8733 AD-ADD8733 Datasheet
250Kb / 16P
   Integrated TFT Panel Power Supply with Gate Modulation and VCOM
Rev. PrA
logo
Toshiba Semiconductor
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
   Gate Driver for TFT LCD Panel
JBT6L78-AS TOSHIBA-JBT6L78-AS Datasheet
164Kb / 14P
   Gate Driver for TFT LCD Panel
logo
Lowpower Semiconductor ...
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
   LCD Bias Power for Panel
logo
Silicon Mitus, Inc.
SM4007 SILICONMITUS-SM4007 Datasheet
262Kb / 1P
   Notebook and Tablet LCD Panel Level-shifter with 8-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4402 SILICONMITUS-SM4402 Datasheet
263Kb / 1P
   Notebook and Tablet LCD Panel Level-shifter with 13-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com