công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADD8707 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADD8707
Giải thích chi tiết về linh kiện  12-Channel Gamma Buffers with VCOM and Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADD8707 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADD8707_15 Datasheet HTML 1Page - Analog Devices ADD8707_15 Datasheet HTML 2Page - Analog Devices ADD8707_15 Datasheet HTML 3Page - Analog Devices ADD8707_15 Datasheet HTML 4Page - Analog Devices ADD8707_15 Datasheet HTML 5Page - Analog Devices ADD8707_15 Datasheet HTML 6Page - Analog Devices ADD8707_15 Datasheet HTML 7Page - Analog Devices ADD8707_15 Datasheet HTML 8Page - Analog Devices ADD8707_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADD8707
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VDD)
18 V
Input Voltage
−0.5 V to VDD
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range1
−40°C to +105°C
Lead Temperature Range (Soldering 10 sec)
300°C
Junction Temperature
150°C
ESD Tolerance (HBM)
±3000 V
ESD Tolerance (MM)
±100 V
Table 3. Thermal Resistance
Package Type
θ
JA
2
θ
JA
3
Unit
48-Lead LFCSP (CP)
28.3
47.7
°C/W
1 See the Applications Information section.
2
θJA for exposed pad soldered to JEDEC 4-layer board.
3
θJA for exposed pad not soldered down.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Số phần tương tự - ADD8707_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADD8707WCPZ-REEL7 AD-ADD8707WCPZ-REEL7 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
More results

Mô tả tương tự - ADD8707_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Analog Devices
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9679B MAXIM-MAX9679B Datasheet
2Mb / 27P
   12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
19-6378; Rev 0; 8/12
MAX9679 MAXIM-MAX9679 Datasheet
2Mb / 28P
   12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
Rev 2; 5/13
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com