công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADD8706 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADD8706
Giải thích chi tiết về linh kiện  16 V 5 1 Channel Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADD8706 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADD8706_15 Datasheet HTML 1Page - Analog Devices ADD8706_15 Datasheet HTML 2Page - Analog Devices ADD8706_15 Datasheet HTML 3Page - Analog Devices ADD8706_15 Datasheet HTML 4Page - Analog Devices ADD8706_15 Datasheet HTML 5Page - Analog Devices ADD8706_15 Datasheet HTML 6Page - Analog Devices ADD8706_15 Datasheet HTML 7Page - Analog Devices ADD8706_15 Datasheet HTML 8Page - Analog Devices ADD8706_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADD8706
Rev. 0 | Page 3 of 12
ELECTRICAL CHARACTERISTICS
Table 2. VS = 16 V, VCM = VS/2, TA @ 25 °C, unless otherwise noted
Parameter
Symbol
Condition
Min
Typ
Max
Unit
SUPPLY CHARACTERISTICS
Supply Voltage
VS
4.5
16
V
Power Supply Rejection Ratio
PSRR
VS = 4 V to 17 V, –40°C ≤ TA ≤ +85°C
70
90
dB
Total Supply Current
ISY
VO = VS/2, No Load
4.5
5.4
mA
–40°C ≤ TA ≤ +85°C
6
mA
INPUT CHARACTERISTICS
Offset Voltage
VOS
2
15
mV
Offset Voltage Drift
∆VOS/∆T
–40°C ≤ TA ≤ +85°C
10
µV/°C
Input Bias Current
IB
400
1100
nA
–40°C ≤ TA ≤ +85°C
1500
nA
Input Offset Current
IOS
10
100
nA
Amplifier F
–40°C ≤ TA ≤ +85°C
250
nA
Common-Mode Rejection Ratio
CMRR
–40°C ≤ TA ≤ +85°C
Amplifier F
VCM = 0 to (VS – 1.7 V)
54
95
dB
Input Impedance
ZIN
400
kΩ
Input Capacitance
CIN
1
pF
OUTPUT CHARACTERISTICS
Output Voltage High (A)
VOH
VIN = 16 V, IL = 100 µA
15.99
V
Optimized for High Swing
VIN = 16 V, IL = 5 mA
15.75
15.85
V
–40°C ≤ TA ≤ +85°C
15.65
V
Output Voltage High (B to D)
VOH
VIN = 14 V, IL = 100 µA
14
V
Optimized for Midrange
VIN = 14 V, IL = 5 mA
13.90
13.985
V
–40°C ≤ TA ≤ +85°C
13.85
V
Output Voltage High (E)
VOH
VIN = 14 V, IL = 100 µA
14
V
Optimized for Low Swing
VIN = 14 V, IL = 5 mA
13.9
13.99
V
–40°C ≤ TA ≤ +85°C
13.85
V
Output Voltage High (F)
VOH
VIN = 16 V, IL = 100 µA
15.995
V
Optimized for VCOM
VIN = 16 V, IL = 5 mA
15.8
15.9
V
–40°C ≤ TA ≤ +85°C
15.75
V
Output Voltage Low (A)
VOL
VIN = 1.7 V, IL = 100 µA
1.70
V
Optimized for High Swing
VIN = 1.7 V, IL = 5 mA
1.71
1.730
V
–40°C ≤ TA ≤ +85°C
1.725
V
Output Voltage Low (B–D)
VOL
VIN = 0 V, IL = 100 µA
5
mV
Optimized for Midrange
VIN = 0 V, IL = 5 mA
200
300
mV
–40°C ≤ TA ≤ +85°C
350
mV
Output Voltage Low (E)
VOL
VIN = 0 V, IL = 100 µA
5
mV
Optimized for Low Swing
VIN = 0 V, IL = 5 mA
80
200
mV
–40°C ≤ TA ≤ +85°C
300
mV
Output Voltage Low (F)
VOL
VIN = 0 V, IL = 100 µA
5
mV
Optimized for VCOM
VIN = 0 V, IL = 5 mA
50
150
mV
–40°C ≤ TA ≤ +85°C
250
mV
Continuous Output Current (A to E)
IOUT
VS = 16 V
15
mA
Continuous Output Current (F)
IOUT
VS = 16 V
35
mA
Peak Output Current (A to E)
IPK
VS = 16 V
50
mA
Peak Output Current (F)
IPK
VS = 16 V
200
mA


Số phần tương tự - ADD8706_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADD8706ARUZ AD-ADD8706ARUZ Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
ADD8706ARUZ-REEL AD-ADD8706ARUZ-REEL Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
More results

Mô tả tương tự - ADD8706_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADD8706 AD-ADD8706 Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
ADD8704 AD-ADD8704 Datasheet
546Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
ADA4665-2ARMZ AD-ADA4665-2ARMZ Datasheet
697Kb / 20P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
Vishay Siliconix
132 VISHAY-132_V01 Datasheet
76Kb / 3P
   1 5/16
01-Jan-2022
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Elantec Semiconductor
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
   1 Amp Power Operational Amplifier
logo
ON Semiconductor
LM321 ONSEMI-LM321 Datasheet
501Kb / 10P
   Single Channel Operational Amplifier
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com