công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1590 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADAU1590
Giải thích chi tiết về linh kiện  Class-D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1590 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADAU1590_15 Datasheet HTML 1Page - Analog Devices ADAU1590_15 Datasheet HTML 2Page - Analog Devices ADAU1590_15 Datasheet HTML 3Page - Analog Devices ADAU1590_15 Datasheet HTML 4Page - Analog Devices ADAU1590_15 Datasheet HTML 5Page - Analog Devices ADAU1590_15 Datasheet HTML 6Page - Analog Devices ADAU1590_15 Datasheet HTML 7Page - Analog Devices ADAU1590_15 Datasheet HTML 8Page - Analog Devices ADAU1590_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADAU1590
Rev. 0 | Page 3 of 24
SPECIFICATIONS
AVDD = DVDD = 3.3 V, PVDD = 12 V, ambient temperature = 25°C, load impedance = 6 Ω, clock frequency = 24.576 MHz,
measurement bandwidth = 20 Hz to 20 kHz, unless otherwise noted.
AUDIO PERFORMANCE
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT POWER1
1 kHz
7
W
1% THD + N, 8 Ω
9
W
10% THD + N , 8 Ω
9
W
1% THD + N, 6 Ω
11.5
W
10% THD + N, 6 Ω
12.5
W
1% THD + N , 4 Ω
15.5
W
10% THD + N , 4 Ω
EFFICIENCY
87
%
@ 12 W, 6 Ω
RDS-ON
@ TCASE = 25°C
Per High-Side Transistor
0.28
Ω
@ 100 mA
Per Low-Side Transistor
0.25
Ω
@ 100 mA
THERMAL CHARACTERISTICS
Thermal Warning Active2
135
°C
Die temperature
Thermal Shutdown Active
150
°C
Die temperature
OVERCURRENT SHUTDOWN ACTIVE
5
6
A
Peak current
PVDD UNDERVOLTAGE SHUTDOWN
5.1
V
INPUT LEVEL FOR FULL-SCALE OUTPUT
Full-scale output @ 1% THD + N
1.0
VRMS
PGA gain = 0 dB
0.5
VRMS
PGA gain = 6 dB
0.25
VRMS
PGA gain = 12 dB
0.125
VRMS
PGA gain = 18 dB
TOTAL HARMONIC DISTORTION + NOISE (THD+N)
0.005
%
1 kHz, POUT = 1 W, PGA gain = 0 dB
SIGNAL-TO-NOISE RATIO (SNR)
99
101
dB
A-weighted, referred to 1% THD + N output
DYNAMIC RANGE (DNR)
99
101
dB
A-weighted, measured with −60 dBFS input
CROSSTALK (LEFT TO RIGHT OR RIGHT TO LEFT)
−90
dB
@ full-scale output voltage, 1% THD + N, 1 kHz
AMPLIFIER GAIN
PVDD = 12 V, 6 Ω
PGA = 0 dB
17
dB
PGA = 6 dB
23
dB
PGA = 12 dB
29
dB
PGA = 18 dB
35
dB
OUTPUT NOISE VOLTAGE
PVDD = 12 V, 6 Ω
PGA = 0 dB
65
μV
PGA = 6 dB
83
μV
PGA = 12 dB
130
μV
PGA = 18 dB
230
μV
POWER SUPPLY REJECTION RATIO (PSRR)
57
dB
20 Hz to 20 kHz, 1.2 V p-p ripple, inputs ac-
coupled to AGND
1 Output powers above 12 W at 4 Ω and above 18 W at 6 Ω are not continuous and are thermally limited by the package dissipation.
2 Thermal warning flag is for indication of device TJ reaching close to shutdown temperature.


Số phần tương tự - ADAU1590_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1590ACPZ AD-ADAU1590ACPZ Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590ACPZ-RL AD-ADAU1590ACPZ-RL Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590ACPZ-RL7 AD-ADAU1590ACPZ-RL7 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590ASVZ AD-ADAU1590ASVZ Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590ASVZ-RL AD-ADAU1590ASVZ-RL Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results

Mô tả tương tự - ADAU1590_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com