công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1513 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADAU1513
Giải thích chi tiết về linh kiện  Class-D Audio Power Stage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1513 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADAU1513_15 Datasheet HTML 1Page - Analog Devices ADAU1513_15 Datasheet HTML 2Page - Analog Devices ADAU1513_15 Datasheet HTML 3Page - Analog Devices ADAU1513_15 Datasheet HTML 4Page - Analog Devices ADAU1513_15 Datasheet HTML 5Page - Analog Devices ADAU1513_15 Datasheet HTML 6Page - Analog Devices ADAU1513_15 Datasheet HTML 7Page - Analog Devices ADAU1513_15 Datasheet HTML 8Page - Analog Devices ADAU1513_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADAU1513
Rev. 0 | Page 3 of 16
SPECIFICATIONS
DVDD = 3.3 V, AVDD = 3.3 V, PVDD = 15 V, ambient temperature = 25°C, load impedance = 8 Ω, measurement bandwidth = 20 Hz to
20 kHz, unless otherwise noted. Audio performance test data measured with ADAV4201.
PERFORMANCE SUMMARY
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT POWER1
1 kHz
11
W
1% THD + N, 8 Ω
14
W
10% THD + N, 8 Ω
14.5
W
1% THD + N, 6 Ω
17.5
W
10% THD + N, 6 Ω
19
W
1% THD + N, 4 Ω
23
W
10% THD + N, 4 Ω
EFFICIENCY
90
%
POUT = 15 W
RDS-ON
Per High-Side Transistor
280
ID = 100 mA
Per Low-Side Transistor
250
ID = 100 mA
THERMAL CHARACTERISTICS
Thermal Warning Active2
135
°C
Die temperature
Thermal Shutdown Active
150
°C
Die temperature
OVERCURRENT SHUTDOWN ACTIVE
5
A
peak
TOTAL HARMONIC DISTORTION PLUS NOISE (THD + N)
0.1
%
POUT = 1 W, 1 kHz
SIGNAL-TO-NOISE RATIO (SNR)
96
dB
A-weighted, referred to 1% THD + N output
DYNAMIC RANGE
96
dB
A-weighted, measured with −60 dBFS input
CROSSTALK BETWEEN LEFT AND RIGHT CHANNELS
65
dB
@ 0 dBFS input 20 Hz to 20 kHz
UNDERVOLTAGE TRIP THRESHOLD
5
V
MINIMUM OUTPUT PULSE WIDTH
50
ns
1 Output powers above 15 W at 4 Ω and above 18 W at 6 Ω may need extra heat-sinking for continuous operation.
2 Thermal warning flag is for indication of device TJ reaching close to shutdown temperature.
POWER SUPPLIES
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL SUPPLY VOLTAGE (DVDD)
3.0
3.3
3.6
V
ANALOG SUPPLY VOLTAGE (AVDD)
3.0
3.3
3.6
V
POWER TRANSISTOR SUPPLY VOLTAGE (PVDD)
9
15
18
V
POWER-DOWN CURRENT
STDN held low
AVDD
2
3
μA
DVDD
50
55
μA
PVDD
55
600
μA
MUTE CURRENT
MUTE held low
AVDD
0.5
0.6
mA
DVDD
0.9
1.2
mA
PVDD
0.3
0.9
mA
OPERATING CURRENT
STDN and MUTE held high
AVDD
0.5
0.6
mA
DVDD
1.1
2.5
mA
PVDD
34
40
mA


Số phần tương tự - ADAU1513_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1513ACPZ AD-ADAU1513ACPZ Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513ACPZ-RL AD-ADAU1513ACPZ-RL Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513ACPZ-RL7 AD-ADAU1513ACPZ-RL7 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513ASVZ AD-ADAU1513ASVZ Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513ASVZ-RL AD-ADAU1513ASVZ-RL Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
More results

Mô tả tương tự - ADAU1513_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
   Class D/1-Bit Audio Power Output Stage
REV. 0
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com