công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1401 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADAU1401
Giải thích chi tiết về linh kiện  SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1401 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADAU1401_15 Datasheet HTML 3Page - Analog Devices ADAU1401_15 Datasheet HTML 4Page - Analog Devices ADAU1401_15 Datasheet HTML 5Page - Analog Devices ADAU1401_15 Datasheet HTML 6Page - Analog Devices ADAU1401_15 Datasheet HTML 7Page - Analog Devices ADAU1401_15 Datasheet HTML 8Page - Analog Devices ADAU1401_15 Datasheet HTML 9Page - Analog Devices ADAU1401_15 Datasheet HTML 10Page - Analog Devices ADAU1401_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Data Sheet
ADAU1401
Rev. C | Page 7 of 52
DIGITAL INPUT/OUTPUT
Table 3.
Parameter
Min
Typ
Max1
Unit
Comments
Input Voltage, High (VIH)
2.0
IOVDD
V
Input Voltage, Low (VIL)
0.8
V
Input Leakage, High (IIH)
1
μA
Excluding MCLKI
Input Leakage, Low (IIL)
1
μA
Excluding MCLKI and bidirectional pins
Bidirectional Pin Pull-Up Current, Low
150
μA
MCLKI Input Leakage, High (IIH)
3
μA
MCLKI Input Leakage, Low (IIL)
3
μA
High Level Output Voltage (VOH), IOH = 2 mA
2.0
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.8
V
Input Capacitance
5
pF
GPIO Output Drive
2
mA
1 Maximum specifications are measured across a temperature range of
−40°C to +130°C (case), a DVDD range of 1.62 V to 1.98 V, and an AVDD range of 2.97 V to 3.63 V.
POWER
Table 4.
Parameter
Min
Typ
Max1
Unit
SUPPLY VOLTAGE
Analog Voltage
3.3
V
Digital Voltage
1.8
V
PLL Voltage
3.3
V
IOVDD Voltage
3.3
V
SUPPLY CURRENT
Analog Current (AVDD and PVDD)
50
85
mA
Digital Current (DVDD)
40
60
mA
Analog Current, Reset
35
55
mA
Digital Current, Reset
1.5
4.5
mA
DISSIPATION
Operation (AVDD, DVDD, PVDD)2
286.5
mW
Reset, All Supplies
118
mW
POWER SUPPLY REJECTION RATIO (PSRR)
1 kHz, 200 mV p-p Signal at AVDD
50
dB
1 Maximum specifications are measured across a temperature range of
−40°C to +130°C (case), a DVDD range of 1.62 V to 1.98 V, and an AVDD range of 2.97 V to 3.63 V.
2 Power dissipation does not include IOVDD power because the current drawn from this supply is dependent on the loads at the digital output pins.
TEMPERATURE RANGE
Table 5.
Parameter
Min
Typ
Max
Unit
Functionality Guaranteed
−40
+105
°C ambient
PLL AND OSCILLATOR
Table 6. PLL and Oscillator1
Parameter
Min
Typ
Max
Unit
PLL Operating Range
MCLK_Nom − 20%
MCLK_Nom + 20%
MHz
PLL Lock Time
20
ms
Crystal Oscillator Transconductance (gm)
78
mmho
1 Maximum specifications are measured across a temperature range of
−40°C to +130°C (case), a DVDD range of 1.62 V to 1.98 V, and an AVDD range of 2.97 V to 3.63 V.


Số phần tương tự - ADAU1401_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401A AD-ADAU1401A Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401AWBSTZ-RL AD-ADAU1401AWBSTZ-RL Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
More results

Mô tả tương tự - ADAU1401_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401 AD-ADAU1401 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702 Datasheet
1Mb / 52P
   SigmaDSP 28-56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702_15 Datasheet
897Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
   SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Rev. PrF
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com