công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1372 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADAU1372
Giải thích chi tiết về linh kiện  Quad ADC, Dual DAC, Low Latency, Low Power Codec
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1372 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADAU1372_15 Datasheet HTML 1Page - Analog Devices ADAU1372_15 Datasheet HTML 2Page - Analog Devices ADAU1372_15 Datasheet HTML 3Page - Analog Devices ADAU1372_15 Datasheet HTML 4Page - Analog Devices ADAU1372_15 Datasheet HTML 5Page - Analog Devices ADAU1372_15 Datasheet HTML 6Page - Analog Devices ADAU1372_15 Datasheet HTML 7Page - Analog Devices ADAU1372_15 Datasheet HTML 8Page - Analog Devices ADAU1372_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Quad ADC, Dual DAC, Low Latency,
Low Power Codec
Data Sheet
ADAU1372
FEATURES
Low latency, 24-bit ADCs and DACs
102 dB SNR (through PGA and ADC with A-weighted filter)
107 dB dynamic range (through DAC and headphone with
A-weighted filter)
Serial port sample rates from 8 kHz to 192 kHz
4 single-ended analog inputs, configurable as microphone or
line inputs
Dual stereo digital microphone inputs
Stereo analog audio output, single-ended or differential,
configurable as either line output or headphone driver
PLL supporting any input clock rate from 8 MHz to 27 MHz
Full-duplex, asynchronous sample rate converters (ASRCs)
Power supplies
Analog and digital input/output of 1.8 V to 3.3 V
Low power (15.5 mW)
I2C and SPI control interfaces for flexibility
5 multipurpose pins supporting dual stereo digital
microphone inputs, mute, push-button volume controls
APPLICATIONS
Handsets, headsets, and headphones
Bluetooth® handsets, headsets, and headphones
Personal navigation devices
Digital still and video cameras
GENERAL DESCRIPTION
The ADAU1372 is a codec with four inputs and two outputs, which
incorporates asynchronous sample rate converters. Optimized
for low latency and low power, the ADAU1372 is ideal for headsets,
handsets, and headphones. The ADAU1372 has built-in program-
mable gain amplifiers (PGAs); thus, with the addition of just a
few passive components and a crystal, the ADAU1372 provides
a solution for headset audio needs, microphone preamplifiers,
ADCs, DACs, headphone amplifiers, and serial ports for
connections to an external DSP.
Note that throughout this data sheet, multifunction pins, such as
SCL/SCLK, are referred to either by the entire pin name or by a
single function of the pin, for example, SCLK, when only that
function is relevant.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
MICROPHONE
BIAS GENERATORS
MICBIAS0
MICBIAS1
CM
DECIMATOR
AIN0REF
AIN0
PGA
DECIMATOR
AIN1REF
AIN1
PGA
AIN2REF
AIN2
PGA
AIN3REF
AIN3
PGA
DECIMATOR
DECIMATOR
DMIC0_1/MP4
DMIC2_3/MP5
DIGITAL
MICROPHONE
INPUTS
INPUT/OUTPUT
SIGNAL ROUTING
I2C/SPI CONTROL
INTERFACE
BIDIRECTIONAL
ASRCS
SERIAL I/O PORT
LDO
REGULATOR
POWER
MANAGEMENT
PLL
CLOCK
OSCILLATOR
ADC_SDATA1/CLKOUT/MP6
XTALI/MCLKIN
XTALO
ADAU1372
HPOUTLP/LOUTLP
HPOUTLN/LOUTLN
HPOUTRP/LOUTRP
HPOUTRN/LOUTRN
Σ-Δ ADC
Σ-Δ ADC
Σ-Δ ADC
Σ-Δ ADC
Σ-Δ
DACs
Σ-Δ
DACs
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Số phần tương tự - ADAU1372_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1372 AD-ADAU1372_17 Datasheet
1Mb / 93P
   Low Power Codec
More results

Mô tả tương tự - ADAU1372_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
ADAU1777 AD-ADAU1777 Datasheet
1Mb / 108P
   Four-ADC, Two-DAC, Low Power Codec with Audio Processor
ADAU1787 AD-ADAU1787 Datasheet
3Mb / 280P
   Four ADC, Two DAC, Low Power Codec with Audio DSPs
logo
Texas Instruments
ADS9224R_1904 TI1-ADS9224R_1904 Datasheet
1Mb / 51P
[Old version datasheet]   Dual, Low-Latency, Simultaneous-Sampling SAR ADC
ADS9224R TI1-ADS9224R Datasheet
1Mb / 50P
[Old version datasheet]   Dual, Low Latency, Simultaneous-Sampling SAR ADC
ADS9224R TI1-ADS9224R_19 Datasheet
1Mb / 49P
[Old version datasheet]   Dual, Low Latency, Simultaneous-Sampling SAR ADC
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Asahi Kasei Microsystem...
AK4390 AKM-AK4390 Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com