công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAR7251 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADAR7251
Giải thích chi tiết về linh kiện  4-Channel, 16-Bit, Continuous Time Data Acquisition ADC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAR7251 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADAR7251_15 Datasheet HTML 5Page - Analog Devices ADAR7251_15 Datasheet HTML 6Page - Analog Devices ADAR7251_15 Datasheet HTML 7Page - Analog Devices ADAR7251_15 Datasheet HTML 8Page - Analog Devices ADAR7251_15 Datasheet HTML 9Page - Analog Devices ADAR7251_15 Datasheet HTML 10Page - Analog Devices ADAR7251_15 Datasheet HTML 11Page - Analog Devices ADAR7251_15 Datasheet HTML 12Page - Analog Devices ADAR7251_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Data Sheet
ADAR7251
Rev. 0 | Page 9 of 72
Limit at
Parameter
Description
Min
Typ
Max
Unit
ADC SERIAL PORT MASTER
MODE
See Figure 3
tSCKH
SCLK_ADC high, slave mode
10
ns
tSCKL
SCLK_ADC low, slave mode
10
ns
tDS
ADC_DOUTx setup to SCLK_ADC rising, slave mode
10
ns
tDH
ADC_DOUTx hold from SCLK_ADC rising, slave mode
5
ns
tDD
ADC_DOUTx delay from SCLK_ADC falling
18
ns
tFSH
FS_ADC hold from SCLK_ADC rising
18
ns
tFSS
FS_ADC setup from SCLK_ADC falling
1
ns
ADC SERIAL PORT SLAVE MODE
See Figure 4
tSCKH
SCLK_ADC high, slave mode
7
ns
tSCKL
SCLK_ADC low, slave mode
7
ns
tDS
ADC_DOUTx valid to SCLK_ADC rising, slave mode
11
ns
tDH
ADC_DOUTx hold from SCLK_ADC rising, slave mode
11
ns
tDD
ADC_DOUTx delay from SCLK_ADC falling
2
ns
tFSH
FS_ADC hold from SCLK_ADC rising
1
ns
tFSS
FS_ADC setup from SCLK_ADC falling
1
ns
PARALLEL MODE, BYTE WIDE
FORMAT
See Figure 5; if usingCONV_START, see Figure 6 for the
CONV_START to DATA_READY timing relation
tSCKH
SCLK_ADC high, master mode
28
ns
tSCKL
SCLK_ADC low, master mode
28
ns
tDS
ADC_DOUTx setup to SCLK_ADC rising, master mode
7
ns
tDH
ADC_DOUTx hold from SCLK_ADC rising, master mode
5
ns
tDD
ADC_DOUTx delay from SCLK_ADC falling for left justified (LJ) mode
6
ns
For I2S mode, add one SCLK_ADC period to the tDD of LJ mode
tCSDR
CONV_START falling to DATA_READY rising
1.215
μs
DATA ACQUISITION (DAQ)
MODE
CONV_START falling to DATA_READY rising, see Figure 6
tDRH
CONV_START rising to DATA_READY falling
0.44
μs
tCSDR
DAQ16 mode (16 acquisition clock cycles)
1.215
μs
DAQ24 mode (24 acquisition clock cycles)
1.8
μs
DAQ32 mode (32 acquisition clock cycles)
2.43
μs
Timing Diagrams
SPI_SS
SPI_SCLK
SPI_MOSI
SPI_MISO
tCLS
tCDS
tCDH
tCOD
tCCPH
tCCPL
tCLH
tCLPH
tCDH
tCOTS
Figure 2. SPI Port Timing


Số phần tương tự - ADAR7251_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAR1000 AD-ADAR1000 Datasheet
1Mb / 65P
   8 GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
ADAR2001 AD-ADAR2001 Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001-EVALZ AD-ADAR2001-EVALZ Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001ACCZ AD-ADAR2001ACCZ Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
ADAR2001ACCZ-R7 AD-ADAR2001ACCZ-R7 Datasheet
884Kb / 39P
   10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
More results

Mô tả tương tự - ADAR7251_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974 Datasheet
202Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974_17 Datasheet
237Kb / 21P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
AD974BRSZ AD-AD974BRSZ Datasheet
189Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD8401 AD-AD8401 Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com