công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADATE205 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADATE205
Giải thích chi tiết về linh kiện  250 MHz Dual DCL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADATE205 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADATE205_15 Datasheet HTML 3Page - Analog Devices ADATE205_15 Datasheet HTML 4Page - Analog Devices ADATE205_15 Datasheet HTML 5Page - Analog Devices ADATE205_15 Datasheet HTML 6Page - Analog Devices ADATE205_15 Datasheet HTML 7Page - Analog Devices ADATE205_15 Datasheet HTML 8Page - Analog Devices ADATE205_15 Datasheet HTML 9Page - Analog Devices ADATE205_15 Datasheet HTML 10Page - Analog Devices ADATE205_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADATE205
Rev. A | Page 7 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VDUT Range
−1.5
+6.5
V
|VDUT − VCOM| > 1.0 V
VDUT Range
−1.5
+6.5
V
VDUT − VCOM > 1.0 V,
IOH = 0 mA to 35 mA
VDUT Range
−1.5
+6.5
V
VCOM − VDUT > 1.0 V,
IOL = 0 mA to 35 mA
Output characteristics
Gain
9.5
10
10.5
mA/V
Slope of line between 5 mA and
30 mA
Load Offset, IOH, IOLT
−200
+200
μA
IOH and IOL programmed at
20 mV (200 μA)
Load Nonlinearity, IOH, IOLT
−50
+50
μA
Relative to a line from 5 mA to
30 mA; IOL, IOH from 200 μA to
35 mA
Output Current Tempco, IOH, IOLT
±3
μA/C
Measured at IOH, IOL = 30 mA
VCOM Buffer (Through Bridge)
VCOM Buffer Offset
−50
+3
+50
mV
IOL, IOH = 20 mA, VCOM = 0 V
VCOM Buffer Bias Current
−10
+1
+10
μA
VCOM = −1.5 V to +6.5 V
VCOM Buffer Gain
0.99
1
1.01
V/V
IOL, IOH = 20 mA,
VCOM = −1.5 V to +6.5 V
VCOM Buffer Linearity Error
−10
+1
+10
mV
IOL, IOH = 20 mA,
VCOM = −1.5 V to +6.5 V, relative
to a line at 0 V and 5 V
Dynamic Performance
Propagation Delay—IMAX to INHIBIT
2.3
ns
VTT = 2 V, VCOM = 4 V/0 V,
IOL = 20 mA, IOH = 20 mA
INHIBIT to IMAX
2.3
ns
VTT = 2 V, VCOM = 4 V/0 V,
IOL = 20 mA, IOH = 20 mA
TOTAL FUNCTION
Output Leakage Current
−1.5
+0.28
+1.5
μA
Driver = INH, VDUT swept from
−1.5 V to +6.5 V
Output Leakage Current, Low Leakage Mode
−200
+10
+200
nA
Driver = INH, VDUT swept from
−1.5 V to +6.5 V
Output Capacitance
2
pF
Power Supplies5
Total Supply Range
15.5
V
Positive Supply, VCC
9.75
10.0
10.25
V
Negative Supply, VEE
−5.25
−5.0
−4.75
V
Positive Supply Current, VCC
160
180
205
mA
Load enabled at 20 mA, driver is
set to VIL = 0 V
Negative Supply Current, VEE
210
240
270
mA
Load enabled at 20 mA, driver is
set to VIL = 0 V
Total Power Dissipation
2
3
4
W
Load enabled at 20 mA, driver is
set to VIL = 0 V
Positive Supply Current Load Disabled, VCC
115
135
170
mA
Load enabled at 0 mA, driver is
set to VIL = 0 V
Negative Supply Current Load Disabled, VEE
160
190
220
mA
Load enabled at 0 mA, driver is
set to VIL = 0 V
Total Power Dissipation
1.3
2.3
2.8
W
Load enabled at 0 mA, driver is
set to VIL = 0 V
Temperature Sensor Gain Factor
10
mV/°C
Five diodes in series
1 1 μs period, pulse width = 50 ns to 500 ps, pulse width measured when amplitude drops 10%.
2 Measured at 50% of input amp to 50% of output amp.
3 tPD measured from the 50% of enable signal to 50% of output.
4 The low leakage mode of the comparator, controlled by VLLM input, reduces the leakage due to the comparator input. The comparator operates in this mode, but its
bandwidth is compromised and is not guaranteed.
5 Under no circumstances should the input voltages exceed the supply voltages.


Số phần tương tự - ADATE205_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE205BSV AD-ADATE205BSV Datasheet
389Kb / 16P
   250 MHz Dual DCL
REV. 0
More results

Mô tả tương tự - ADATE205_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE205 AD-ADATE205 Datasheet
389Kb / 16P
   250 MHz Dual DCL
REV. 0
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
   500 MHz Dual DCL
REV. 0
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
   500 MHz Dual DCL
REV. A
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
   200 MHz Dual Integrated DCL
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
   250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
   1.25 GHz Dual Integrated DCL
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
   600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
   500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com