công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD22055 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD22055
Giải thích chi tiết về linh kiện  Single Supply Bridge Transducer Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD22055 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD22055_15 Datasheet HTML 1Page - Analog Devices AD22055_15 Datasheet HTML 2Page - Analog Devices AD22055_15 Datasheet HTML 3Page - Analog Devices AD22055_15 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AD22055–SPECIFICATIONS
REV. 0
–2–
(@ TA = + 25 C, VS = +5 V, VCM = 0, unless otherwise noted)
Parameter
Comments
Test Conditions
Min
Typ
Max
Units
INPUTS (PINS 1 AND 8)
VCM
Common-Mode Range
0
5
V
CMRRLF
Common-Mode Rejection Ratio
f
≤ 10 Hz
–80
–90
dB
CMRRHF
Common-Mode Rejection Ratio
f = 10 kHz
–60
–75
dB
RINCM
Common-Mode Input Resistance Pin 1 or Pin 8 to Pin 2
180
230
k
RMATCH
Matching of Input Resistances
±0.5
%
RINDIFF
Differential Input Resistance
Pin 1 to Pin 8
180
230
300
k
PREAMPLIFIER
GCL
Closed-Loop Gain
1
40
V/V
VO
Output Voltage Range (Pin 3)
+0.02
+4.75
V
RO
Output Resistance
2
77.6
80
82.4
k
OUTPUT BUFFER
GCL
Closed-Loop Gain
1
RLOAD
≥ 10 kΩ
9.95
10
10.05
V/V
VO
Output Voltage Range
+0.02
+4.75
V
RO
Output Resistance (Pin 5)
VO ≥ 0.1 V dc
2.0
OVERALL SYSTEM
GCL
Gain1
VO ≥ 0.1 V dc
398
400
402
V/V
Gain Drift
–40
°C to +125°C
–60
ppm/
°C
Gain Drift
–125
°C to +150°C
–500
ppm/
°C
VOS
Initial Offset Voltage3
–1
0.05
1
mV
Offset Drift
–40
°C to +125°C1
µV/°C
Offset Drift
–125
°C to +150°C
–10
µV/°C
Input Resistance
Pin 7 to Pin 2
2.5
3.0
k
IOSC
Short-Circuit Output Current
7
11
25
mA
BW–3 dB
–3 dB Bandwidth
VO = + 1 V dc
20
30
kHz
SR
Slew Rate
0.2
V/
µs
NSD
Noise Spectral Density
3
f = 100 Hz to 10 kHz
0.2
µV/√Hz
POWER SUPPLY
VS
Operating Range
TA = TMIN to TMAX
3
5
36
V
IS
Quiescent Supply Current
4
200
500
µA
TEMPERATURE RANGE
TOP
Operating Temperature Range
–40
+125
°C
NOTES
1A2 gain is trimmed to
±0.5% with a 0.01% 1 kΩ resistor to ground from Pin 4. The overall gain is trimmed to a gain of 400 ±0.5% with the same 1 kΩ resistor. The
gain of A1 (the ratio of overall gain to A2 gain) is used to adjust the overall gain and, therefore, is not trimmed explicitly to 40. Note that the actual gain to a particu-
lar application can be modified by the use of an external resistor at Pin 4.
2The actual output resistance of A1 is only a few ohms, but access to this output, via Pin 3, is always through an 80 k
Ω resistor, which is trimmed to ±3%.
3Referred to the input (Pins 1 and 8).
4With V
DM = 0 V. Differential mode signals are referred to as V DM, while VCM refers to common-mode voltages.
All min and max specifications are guaranteed, although only those marked in boldface are tested on all production units at final test.
Specifications subject to change without notice.


Số phần tương tự - AD22055_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD22055N AD-AD22055N Datasheet
214Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD22055R AD-AD22055R Datasheet
214Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
More results

Mô tả tương tự - AD22055_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD22055 AD-AD22055 Datasheet
214Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD7730 AD-AD7730 Datasheet
497Kb / 52P
   Bridge Transducer ADC
REV. A
AD7730L AD-AD7730L_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
logo
Texas Instruments
UC3704 TI1-UC3704 Datasheet
283Kb / 6P
[Old version datasheet]   Bridge Transducer Switch
logo
Analog Devices
AD7730 AD-AD7730_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730 AD-AD7730_12 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
logo
New Japan Radio
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Unisonic Technologies
M2125 UTC-M2125 Datasheet
125Kb / 5P
   SINGLE-SUPPLY OPERTIONAL AMPLIFIER
logo
New Japan Radio
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com