công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD22050 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD22050
Giải thích chi tiết về linh kiện  Single-Supply Sensor Interface Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD22050 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD22050_15 Datasheet HTML 1Page - Analog Devices AD22050_15 Datasheet HTML 2Page - Analog Devices AD22050_15 Datasheet HTML 3Page - Analog Devices AD22050_15 Datasheet HTML 4Page - Analog Devices AD22050_15 Datasheet HTML 5Page - Analog Devices AD22050_15 Datasheet HTML 6Page - Analog Devices AD22050_15 Datasheet HTML 7Page - Analog Devices AD22050_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
AD22050
OUT
GND
IN+
IN–
+VS
OFS
A1
A2
A1
A2
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Single-Supply Sensor
Interface Amplifier
AD22050
GENERAL DESCRIPTION
The AD22050 is a single-supply difference amplifier for ampli-
fying and low-pass filtering small differential voltages (typically
100 mV FS at a gain of 40) from sources having a large common-
mode voltage.
Supply voltages from +3.0 V to +36 V can be used. The input
common-mode range extends from below ground to +24 V using
FEATURES
Gain of
20. Alterable from
1 to
160
Input CMR from Below Ground to 6
(VS – 1 V)
Output Span 20 mV to (VS – 0.2) V
1-, 2-, 3-Pole Low-Pass Filtering Available
Accurate Midscale Offset Capability
Differential Input Resistance 400 k
Drives 1 k
Load to +4 V Using VS = +5 V
Supply Voltage: +3.0 V to +36 V
Transient Spike Protection and RFI Filters Included
Peak Input Voltage (40 ms): 60 V
Reversed Supply Protection: –34 V
Operating Temperature Range: –40 C to +125 C
APPLICATIONS
Current Sensing
Motor Control
Interface for Pressure Transducers, Position Indicators,
Strain Gages, and Other Low Level Signal Sources
a +5 V supply with excellent rejection of this common-mode
voltage. This is achieved by the use of a special resistive attenua-
tor at the input, laser trimmed to a very high differential balance.
Provisions are included for optional low-pass filtering and gain
adjustment. An accurate midscale offset feature allows bipolar
signals to be amplified.
AD22050
SINGLE-POLE LOW-PASS FILTERING, GAIN: 40
POWER
DARLINGTON
100m
200k
C
+5V
ANALOG OUTPUT
4V PER AMP
CORNER FREQUENCY
= 0.796Hz- F
ANALOG GROUND
SOLENOID
LOAD
+VS (CAR BATTERY)
CMOS DRIVER
CHASSIS
Figure 1. Typical Application Circuit for a Current Sensor Interface
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Số phần tương tự - AD22050_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD22050N AD-AD22050N Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050N AD-AD22050N Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22050R AD-AD22050R Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050R AD-AD22050R Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22050R-REEL AD-AD22050R-REEL Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
More results

Mô tả tương tự - AD22050_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
   Single-Supply Sensor Interface Amplifier
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050 Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057 Datasheet
192Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
   SENSOR INTERFACE AMPLIFIER
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
[Old version datasheet]   Lambda Sensor Interface Amplifier
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
   LM9044 Lambda Sensor Interface Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com