công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD12401 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD12401
Giải thích chi tiết về linh kiện  12-Bit, 400 MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD12401 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD12401_15 Datasheet HTML 1Page - Analog Devices AD12401_15 Datasheet HTML 2Page - Analog Devices AD12401_15 Datasheet HTML 3Page - Analog Devices AD12401_15 Datasheet HTML 4Page - Analog Devices AD12401_15 Datasheet HTML 5Page - Analog Devices AD12401_15 Datasheet HTML 6Page - Analog Devices AD12401_15 Datasheet HTML 7Page - Analog Devices AD12401_15 Datasheet HTML 8Page - Analog Devices AD12401_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD12401
Rev. A | Page 5 of 28
AD12401-400KWS
AD12401-400JWS
Parameter
Case Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL OUTPUT PARAMETERS
Valid Time (tV)
Full
IV
3.9
3.9
ns
Propagation Delay (tPD)
60°C
V
8.7
8.7
ns
Rise Time, tR (20% to 80%)
60°C
V
0.3
0.3
ns
Fall Time, tF (20% to 80%)
60°C
V
0.3
0.3
ns
DR Propagation Delay (tEDR)
60°C
V
11.2
11.2
ns
Data to DR Skew (tEDR − tPD)
60°C
V
2.5
2.5
ns
Pipeline Latency7
Full
IV
74
74
Cycles
Start-Up Time
Full
IV
29
44
87
29
44
87
ms
Postprocessing Configuration Time
Full
IV
2.8
2.8
sec
APERTURE DELAY (tA)
60°C
V
2.3
2.3
ns
APERTURE UNCERTAINTY (Jitter, tJ)
60°C
V
0.4
0.4
ps rms
1 All ac specifications tested with a single-ended, 2.0 V p-p encode on ENCODE and ENCODE floating.
2 The image spur is included in the SINAD measurement.
3 The image spur is not included in the SFDR specification.
4 The image spur is at fS/2 – AIN; the offset spur is at fS/2.
5 F1 = 70 MHz, F2 = 73 MHz.
6 Parts are tested with 400 MSPS encode. Device can be clocked at lower encode rates, but specifications are not guaranteed. Specifications are guaranteed by design
for encode 400 MSPS ± 1%.
7 Pipeline latency is exactly 74 cycles with an additional tPD required for data to emerge.
AC SPECIFICATIONS1—ENCODE = 360 MSPS
VA = 3.7 V, VC = 3.3 V, VD = 1.5 V, encode = 360 MSPS, 0°C ≤ TCASE ≤ 60°C, unless otherwise noted.
Table 3.
AD12401-360KWS
Parameter
Case Temp
Test Level
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
SNR
Analog Input
10 MHz
Full
I
62
64
dBFS
@ −1.0 dBFS
70 MHz
Full
I
61.5
63.5
dBFS
128 MHz
Full
I
60
63
dBFS
SINAD2
Analog Input
10 MHz
Full
I
59
63.5
dBFS
@ −1.0 dBFS
70 MHz
Full
I
58.5
63
dBFS
128 MHz
Full
I
57.5
61.5
dBFS
Spurious-Free Dynamic Range3
Analog Input
10 MHz
Full
I
69
85
dBFS
@ −1.0 dBFS
70 MHz
Full
I
69
80
dBFS
128 MHz
Full
I
66
72
dBFS
Image Spur4
Analog Input
10 MHz
Full
I
60
75
dBFS
@ −1.0 dBFS
70 MHz
Full
I
60
72
dBFS
128 MHz
Full
I
60
66
dBFS
Offset Spur4
Analog Input @ −1.0 dBFS
60°C
V
65
dBFS
Two-Tone IMD5
F1, F2 @ −6 dBFS
60°C
V
−75
dBc
ANALOG INPUT
Frequency Range
Full
IV
10
160
MHz
DIGITAL INPUT (DR_EN)
Minimum Time (Low)
Full
IV
5.6
ns


Số phần tương tự - AD12401_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD12401-326JWS AD-AD12401-326JWS Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401-326KWS AD-AD12401-326KWS Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401-360KWS AD-AD12401-360KWS Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401-400JWS AD-AD12401-400JWS Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401-400KWS AD-AD12401-400KWS Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
More results

Mô tả tương tự - AD12401_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD12401 AD-AD12401 Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400_15 Datasheet
618Kb / 24P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400 Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com