công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9991 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD9991 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 60 page AD9991 –6– PIN CONFIGURATION TOP VIEW AD9991 PIN 1 IDENTIFIER 42 SDI 41 SL 40 REFB 39 REFT 38 AVSS 37 CCDIN 36 AVDD 35 CLI 34 CLO 33 TCVDD D3 1 D4 2 D5 3 D6 4 D7 5 D8 6 D9 7 DRVDD 8 DRVSS 9 VSUB 10 SUBCK 11 V1 12 V2 13 V3 14 32 TCVSS 31 RGVDD 30 RG 29 RGVSS Pin Mnemonic Type2 Description 1 D3 DO Data Output 2 D4 DO Data Output 3 D5 DO Data Output 4 D6 DO Data Output 5 D7 DO Data Output 6 D8 DO Data Output 7 D9 DO Data Output (MSB) 8 DRVDD P Data Output Driver Supply 9 DRVSS P Data Output Driver Ground 10 VSUB DO CCD Substrate Bias 11 SUBCK DO CCD Substrate Clock (E-Shutter) 12 V1 DO CCD Vertical Transfer Clock 1 13 V2 DO CCD Vertical Transfer Clock 2 14 V3 DO CCD Vertical Transfer Clock 3 15 V4 DO CCD Vertical Transfer Clock 4 16 V5 DO CCD Vertical Transfer Clock 5 17 V6 DO CCD Vertical Transfer Clock 6 18 VSG1 DO CCD Sensor Gate Pulse 1 19 VSG2 DO CCD Sensor Gate Pulse 2 20 VSG3 DO CCD Sensor Gate Pulse 3 21 VSG4 DO CCD Sensor Gate Pulse 4 22 VSG5 DO CCD Sensor Gate Pulse 5 23 H1 DO CCD Horizontal Clock 1 24 H2 DO CCD Horizontal Clock 2 25 HVSS P H1–H4 Driver Ground 26 HVDD P H1–H4 Driver Supply 27 H3 DO CCD Horizontal Clock 3 28 H4 DO CCD Horizontal Clock 4 29 RGVSS P RG Driver Ground 30 RG DO CCD Reset Gate Clock 31 RGVDD P RG Driver Supply 32 TCVSS P Analog Ground for Timing Core 33 TCVDD P Analog Supply for Timing Core 34 CLO DO Clock Output for Crystal 35 CLI DI Reference Clock Input Pin Mnemonic Type2 Description 36 AVDD P Analog Supply for AFE 37 CCDIN AI CCD Signal Input 38 AVSS P Analog Ground for AFE 39 REFT AO Voltage Reference Top Bypass 40 REFB AO Voltage Reference Bottom Bypass 41 SL DI 3-Wire Serial Load Pulse 42 SDI DI 3-Wire Serial Data Input 43 SCK DI 3-Wire Serial Clock 44 MSHUT DO Mechanical Shutter Pulse 45 STROBE DO Strobe Pulse 46 SYNC DI External System Sync Input 47 VD DIO Vertical Sync Pulse (Input for Slave Mode, Output for Master Mode) 48 DVSS P Digital Ground 49 DVDD P Power Supply for VSG, V1–V6, HD/VD, MSHUT, STROBE, SYNC, and Serial Interface 50 HD DIO Horizontal Sync Pulse (Input for Slave Mode, Output for Master Mode) 51 DCLK DO Data Clock Output 52 NC Not Internally Connected 53 NC Not Internally Connected 54 D0 DO Data Output (LSB) 55 D1 DO Data Output 56 D2 DO Data Output NOTES 1See Figure 38 for circuit configuration. 2AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, DIO = Digital Input/Output, P = Power. PIN FUNCTION DESCRIPTIONS 1 REV. 0 |
Số phần tương tự - AD9991_15 |
|
Mô tả tương tự - AD9991_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |