công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9983A bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD9983A
Giải thích chi tiết về linh kiện  High Performance 8-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9983A bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD9983A_15 Datasheet HTML 1Page - Analog Devices AD9983A_15 Datasheet HTML 2Page - Analog Devices AD9983A_15 Datasheet HTML 3Page - Analog Devices AD9983A_15 Datasheet HTML 4Page - Analog Devices AD9983A_15 Datasheet HTML 5Page - Analog Devices AD9983A_15 Datasheet HTML 6Page - Analog Devices AD9983A_15 Datasheet HTML 7Page - Analog Devices AD9983A_15 Datasheet HTML 8Page - Analog Devices AD9983A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD9983A
Rev. 0 | Page 3 of 44
SPECIFICATIONS
ANALOG INTERFACE CHARACTERISTICS
VD = 1.8 V, VDD = 3.3 V, PVD = 1.8 V, DAVDD = 1.8 V, ADC clock = maximum conversion rate, full temperature range = 0°C to 70°C.
Table 1.
Parameter
Temperature
Test Level1
Min
Typ
Max
Unit
RESOLUTION
Number of bits
8
Bits
LSB Size
0.391
% of Full Scale
DC ACCURACY
Differential Nonlinearity
25°C
I
±0.25
±0.85
LSB
Full
VI
±0.3
LSB
Integral Nonlinearity
25°C
I
±0.75
1.45/−2.60
LSB
Full
VI
±1.0
LSB
No Missing Codes
Full
VI
GNT
ANALOG INPUT
Input Voltage Range
Minimum
Full
VI
0.5
V p–p
Maximum
Full
VI
1.0
V p–p
Gain Tempco
25°C
V
125
ppm/°C
Input Bias Current
25°C
Full
IV
IV
1
1
μA
μA
Input Full-Scale Matching
Full
VI
1
5
% FS
Offset Adjustment Range
Full
VI
50
% FS
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
140
MSPS
Minimum Conversion Rate
Full
IV
10
MSPS
Clock to Data Skew tSKEW
Full
IV
−0.5
2.0
ns
tBUFF
Full
VI
4.7
μs
tSTAH
Full
VI
4.0
μs
tDHO
Full
VI
0
μs
tDAL
Full
VI
4.7
μs
tDAH
Full
VI
4.0
μs
tDSU
Full
VI
250
ns
tSTASU
Full
VI
4.7
μs
tSTOSU
Full
VI
4.0
μs
Maximum PLL Clock Rate
Full
VI
140
MHz
Minimum PLL Clock Rate
Full
IV
10
MHz
Jitter2
25
°C
IV
pS p-p
Full
IV
pS p-p
Sampling Phase Tempco
Full
IV
15
pS/°C
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
1.0
V
Input Voltage, Low (VIL)
Full
VI
0.8
V
Input Current, High (IIH)
Full
V
−1.0
μA
Input Current, Low (IIL)
Full
V
1.0
μA
Input Capacitance
25
°C
V
2
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.1
V
Duty Cycle, DATACK
Full
IV
45
50
55
%
Output Coding
Binary


Số phần tương tự - AD9983A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9983A/PCB AD-AD9983A/PCB Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9983AKCPZ-140 AD-AD9983AKCPZ-140 Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9983AKCPZ-1401 AD-AD9983AKCPZ-1401 Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9983AKCPZ-170 AD-AD9983AKCPZ-170 Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9983AKCPZ-1701 AD-AD9983AKCPZ-1701 Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
More results

Mô tả tương tự - AD9983A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9980 AD-AD9980 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9984A AD-AD9984A Datasheet
844Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com