công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9979 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD9979
Giải thích chi tiết về linh kiện  14-Bit, CCD Signal Processor with Precision Timing Core
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9979 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD9979_15 Datasheet HTML 3Page - Analog Devices AD9979_15 Datasheet HTML 4Page - Analog Devices AD9979_15 Datasheet HTML 5Page - Analog Devices AD9979_15 Datasheet HTML 6Page - Analog Devices AD9979_15 Datasheet HTML 7Page - Analog Devices AD9979_15 Datasheet HTML 8Page - Analog Devices AD9979_15 Datasheet HTML 9Page - Analog Devices AD9979_15 Datasheet HTML 10Page - Analog Devices AD9979_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AD9979
Rev. C | Page 7 of 56
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect To
Rating
AVDD
AVSS
−0.3 V to +2.2 V
DVDD
DVSS
−0.3 V to +2.2 V
DRVDD
DRVSS
−0.3 V to +3.9 V
IOVDD
DVSS
−0.3 V to +3.9 V
HVDD
HVSS
−0.3 V to +3.9 V
RGVDD
RGVSS
−0.3 V to +3.9 V
Any VSS
Any VSS
−0.3 V to +0.3 V
RG Output
RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H4, HL Output
HVSS
−0.3 V to HVDD + 0.3 V
SCK, SL, SDI
DVSS
−0.3 V to IOVDD + 0.3 V
REFT, REFB, CCDINM,
CCDINP
AVSS
−0.2 V to AVDD + 0.2 V
Junction Temperature
150°C
Lead Temperature (10 sec)
350°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is measured using a 4-layer printed circuit board (PCB) with
the exposed paddle soldered to the board.
Table 6.
Package Type
θJA
Unit
48-Lead, 7 mm × 7 mm LFCSP
25.8
°C/W
ESD CAUTION


Số phần tương tự - AD9979_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results

Mô tả tương tự - AD9979_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9942 AD-AD9942 Datasheet
653Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
REV. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com