công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9959 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD9959
Giải thích chi tiết về linh kiện  4-Channel, 500 MSPS DDS with 10-Bit DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9959 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD9959_15 Datasheet HTML 2Page - Analog Devices AD9959_15 Datasheet HTML 3Page - Analog Devices AD9959_15 Datasheet HTML 4Page - Analog Devices AD9959_15 Datasheet HTML 5Page - Analog Devices AD9959_15 Datasheet HTML 6Page - Analog Devices AD9959_15 Datasheet HTML 7Page - Analog Devices AD9959_15 Datasheet HTML 8Page - Analog Devices AD9959_15 Datasheet HTML 9Page - Analog Devices AD9959_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9959
Rev. B | Page 6 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Residual Phase Noise @ 100.3 MHz (fOUT)
with REFCLK Multiplier Enabled 5×
@ 1 kHz Offset
−120
dBc/Hz
@ 10 kHz Offset
−130
dBc/Hz
@ 100 kHz Offset
−135
dBc/Hz
@ 1 MHz Offset
−129
dBc/Hz
Residual Phase Noise @ 15.1 MHz (fOUT)
with REFCLK Multiplier Enabled 20×
@ 1 kHz Offset
−127
dBc/Hz
@ 10 kHz Offset
−136
dBc/Hz
@ 100 kHz Offset
−139
dBc/Hz
@ 1 MHz Offset
−138
dBc/Hz
Residual Phase Noise @ 40.1 MHz (fOUT)
with REFCLK Multiplier Enabled 20×
@ 1 kHz Offset
−117
dBc/Hz
@ 10 kHz Offset
−128
dBc/Hz
@ 100 kHz Offset
−132
dBc/Hz
@ 1 MHz Offset
−130
dBc/Hz
Residual Phase Noise @ 75.1 MHz (fOUT)
with REFCLK Multiplier Enabled 20×
@ 1 kHz Offset
−110
dBc/Hz
@ 10 kHz Offset
−121
dBc/Hz
@ 100 kHz Offset
−125
dBc/Hz
@ 1 MHz Offset
−123
dBc/Hz
Residual Phase Noise @ 100.3 MHz (fOUT)
with REFCLK Multiplier Enabled 20×
@ 1 kHz Offset
−107
dBc/Hz
@ 10 kHz Offset
−119
dBc/Hz
@ 100 kHz Offset
−121
dBc/Hz
@ 1 MHz Offset
−119
dBc/Hz
SERIAL PORT TIMING CHARACTERISTICS
Maximum Frequency Serial Clock (SCLK)
200
MHz
Minimum SCLK Pulse Width Low (tPWL)
1.6
ns
Minimum SCLK Pulse Width High (tPWH)
2.2
ns
Minimum Data Setup Time (tDS)
2.2
ns
Minimum Data Hold Time
0
ns
Minimum CS Setup Time (tPRE)
1.0
ns
Minimum Data Valid Time for Read Operation
12
ns
MISCELLANEOUS TIMING CHARACTERISTICS
MASTER_RESET Minimum Pulse Width
1
Min pulse width = 1 sync clock period
I/O_UPDATE Minimum Pulse Width
1
Min pulse width = 1 sync clock period
Minimum Setup Time (I/O_UPDATE to SYNC_CLK)
4.8
ns
Rising edge to rising edge
Minimum Hold Time (I/O_UPDATE to SYNC_CLK)
0
ns
Rising edge to rising edge
Minimum Setup Time (Profile Inputs to SYNC_CLK)
5.4
ns
Minimum Hold Time (Profile Inputs to SYNC_CLK)
0
ns
Minimum Setup Time (SDIO Inputs to SYNC_CLK)
2.5
ns
Minimum Hold Time (SDIO Inputs to SYNC_CLK)
0
ns
Propagation Time Between REF_CLK and SYNC_CLK
2.25
3.5
5.5
ns
Profile Pin Toggle Rate
2
Sync
clocks
CMOS LOGIC INPUTS
VIH
2.0
V
VIL
0.8
V
Logic 1 Current
3
12
μA
Logic 0 Current
−12
μA
Input Capacitance
2
pF


Số phần tương tự - AD9959_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9959/PCBZ AD-AD9959/PCBZ Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959/PCBZ1 AD-AD9959/PCBZ1 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959BCPZ-REEL7 AD-AD9959BCPZ-REEL7 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results

Mô tả tương tự - AD9959_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9958 AD-AD9958 Datasheet
1Mb / 40P
   2-Channel 500 MSPS DDS with 10-Bit DACs
REV. 0
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9959 AD-AD9959 Datasheet
246Kb / 9P
   4 Channel 500MSPS DDS with 10-bit DACs
Rev. PrB
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com