công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9927 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD9927
Giải thích chi tiết về linh kiện  14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9927 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD9927_15 Datasheet HTML 1Page - Analog Devices AD9927_15 Datasheet HTML 2Page - Analog Devices AD9927_15 Datasheet HTML 3Page - Analog Devices AD9927_15 Datasheet HTML 4Page - Analog Devices AD9927_15 Datasheet HTML 5Page - Analog Devices AD9927_15 Datasheet HTML 6Page - Analog Devices AD9927_15 Datasheet HTML 7Page - Analog Devices AD9927_15 Datasheet HTML 8Page - Analog Devices AD9927_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
AD9927
Rev. 0 | Page 5 of 100
ANALOG SPECIFICATIONS
AVDD = 1.8 V, fCLI = 40 MHz, typical timing specifications, TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Notes
CDS1
Allowable CCD Reset Transient
0.5
1.2
V
CDS Gain Accuracy
VGA gain = 6.3 dB (Code 15, default value)
−3.0 dB CDS Gain
−3.3
−2.8
−2.3
dB
0 dB CDS Gain
−0.5
0
+0.5
dB
+3 dB CDS Gain
2.4
2.9
3.4
dB
+6 dB CDS Gain
5.0
5.5
6.0
dB
Maximum Input Range Before Saturation
VGA gain = 6.3 dB (Code 15, default value)
−3 dB CDS Gain
1.4
V p-p
0 dB CDS Gain
1.0
V p-p
+3 dB CDS Gain
0.7
V p-p
+6 dB CDS Gain
0.5
V p-p
Allowable OB Pixel Amplitude1
0 dB CDS Gain (Default)
−100
+200
mV
+6 dB CDS Gain
−50
+100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Low Gain (VGA Code 15, Default)
6.3
dB
Maximum Gain (VGA Code 1023)
42.4
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
1024
Steps
Clamp Level
Measured at ADC output
Minimum Clamp Level (Code 0)
0
LSB
Maximum Clamp Level (Code 1023)
255
LSB
ADC
Resolution
14
Bits
Differential Nonlinearity (DNL)
−1.0
±0.5
LSB
No Missing Codes
Guaranteed
Integral Nonlinearity (INL)
4
16
LSB
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
1.4
V
Reference Bottom Voltage (REFB)
0.4
V
SYSTEM PERFORMANCE
Includes entire signal chain
Gain Accuracy
0 dB CDS gain
Low Gain (VGA Code 15)
5.8
6.3
6.8
dB
Gain = (0.0358 × Code) + 5.76 dB
Maximum Gain (VGA Code 1023)
41.9
42.4
42.9
dB
Peak Nonlinearity, 1.0 V Input Signal
0.1
0.3
%
6 dB VGA gain, 0 dB CDS gain applied
Total Output Noise
0.5
LSB rms
AC-grounded input, 6 dB VGA gain applied
Power Supply Rejection (PSR)
50
dB
Measured with step change on supply
1 Input signal characteristics defined as follows:
200mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL RANGE
(0dB CDS GAIN)


Số phần tương tự - AD9927_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9927BBCZ AD-AD9927BBCZ Datasheet
842Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
REV. 0
AD9927BBCZRL AD-AD9927BBCZRL Datasheet
842Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
REV. 0
More results

Mô tả tương tự - AD9927_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9928 AD-AD9928 Datasheet
74Kb / 2P
   Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpD
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com