công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9920A bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD9920A
Giải thích chi tiết về linh kiện  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9920A bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD9920A_15 Datasheet HTML 7Page - Analog Devices AD9920A_15 Datasheet HTML 8Page - Analog Devices AD9920A_15 Datasheet HTML 9Page - Analog Devices AD9920A_15 Datasheet HTML 10Page - Analog Devices AD9920A_15 Datasheet HTML 11Page - Analog Devices AD9920A_15 Datasheet HTML 12Page - Analog Devices AD9920A_15 Datasheet HTML 13Page - Analog Devices AD9920A_15 Datasheet HTML 14Page - Analog Devices AD9920A_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
AD9920A
Rev. B | Page 11 of 112
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
BOTTOM VIEW
(Not to Scale)
11 10 987
6543
21
A
B
C
D
E
F
G
H
J
K
L
A1 CORNER
INDEX AREA
Figure 4. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
L6
AVDD
P
Analog Supply.
J7, K8
AVSS
P
Analog Supply Ground.
A10
DVDD
P
Digital Logic Supply.
A9
DVSS
P
Digital Logic Ground.
L5
CLIVDD
P
CLI Input Supply.
K6
TCVDD
P
Analog Timing Core Supply.
K4
TCVSS
P
Analog Timing Core Ground.
A2
DRVDD
P
Data Driver Supply.
B2
DRVSS/LDOVSS
P
Data Driver and LDO Ground.
E1
HVDD1
P
H-Driver Supply.
E2
HVSS1
P
H-Driver Ground.
G1
HVDD2
P
H-Driver Supply.
G2
HVSS2
P
H-Driver Ground.
J1
HVDD2
P
H-Driver Supply.
J2
HVSS2
P
H-Driver Ground.
L3
RGVDD
P
RG, HL Driver Supply.
K3
RGVSS
P
RG, HL Driver Ground.
B1
LDOIN
P
LDO 3.3 V Input.
C1
LDOOUT
P
LDO Output Voltage.
H11
IOVDD
P
Digital I/O Supply.
G11
IOVSS
P
Digital I/O Ground.
C11
VDVDD
P
V-Driver Logic Supply (3 V).
C10
VDVSS
P
V-Driver Ground.
E3
VM1
P
V-Driver Midsupply.
D3
VL1
P
V-Driver Low Supply.
C3
VH1
P
V-Driver High Supply.
J3
VH2
P
V-Driver High Supply.
H3
VL2
P
V-Driver Low Supply.
F3
VM2
P
V-Driver Midsupply.
G3
VMM
P
V-Driver Midsupply for SUBCK Output.
J4
VLL
P
V-Driver Low Supply for SUBCK Output.
L7
CCDIN
AI
CCD Signal Input.
K7
CCDGND
AI
CCD Ground.
C2
SRCTL
AI
Slew Rate Control Pin. Tie to VDVSS if not used.
L8
REFT
AO
Voltage Reference Top Bypass.
L9
REFB
AO
Voltage Reference Bottom Bypass.
D11
VD
DIO
Vertical Sync Pulse.
E10
HD
DIO
Horizontal Sync Pulse.


Số phần tương tự - AD9920A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920ABBCZRL AD-AD9920ABBCZRL Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results

Mô tả tương tự - AD9920A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9995 AD-AD9995_15 Datasheet
2Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9995 AD-AD9995 Datasheet
1Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9994 AD-AD9994 Datasheet
63Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. Sp0
AD9992 AD-AD9992_15 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com