công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9920A bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD9920A
Giải thích chi tiết về linh kiện  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9920A bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD9920A_15 Datasheet HTML 6Page - Analog Devices AD9920A_15 Datasheet HTML 7Page - Analog Devices AD9920A_15 Datasheet HTML 8Page - Analog Devices AD9920A_15 Datasheet HTML 9Page - Analog Devices AD9920A_15 Datasheet HTML 10Page - Analog Devices AD9920A_15 Datasheet HTML 11Page - Analog Devices AD9920A_15 Datasheet HTML 12Page - Analog Devices AD9920A_15 Datasheet HTML 13Page - Analog Devices AD9920A_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
AD9920A
Rev. B | Page 10 of 112
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6.
Parameter
Rating
AVDD to AVSS
−0.3 V to +2.2 V
TCVDD to TCVSS
−0.3 V to +2.2 V
HVDD1, HVDD2 to HVSS1, HVSS2
−0.3 V to +3.9 V
RGVDD to RGVSS
−0.3 V to +3.9 V
DVDD to DVSS
−0.3 V to +2.2 V
DRVDD to DRVSS/LDOVSS
−0.3 V to +3.9 V
IOVDD to IOVSS
−0.3 V to +3.9 V
VDVDD to VDVSS
−0.3 V to +3.9 V
CLIVDD to TCVSS
−0.3 V to +3.9 V
VH1, VH2 to VL1, VL2, VLL
−0.3 V to +25.0 V
VH1, VH2 to VDVSS
−0.3 V to +17.0 V
VL1, VL2 to VDVSS
−17.0 V to +0.3 V
VM1, VM2 to VDVSS
−6.0 V to +3.0 V
VLL to VDVSS
−17.0 V to +0.3 V
VMM to VDVSS
VLL − 0.3 V to VDVDD + 0.3 V
V1A to V16 to VDVSS
VLx − 0.3 V to VHx + 0.3 V
RG and HL Outputs to RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H8 Outputs to HVSSx
−0.3 V to HVDDx + 0.3 V
VDR_EN, XSUBCNT, SRCTL, SRSW
to VDVSS
−0.3 V to VDVDD + 0.3 V
Digital Outputs to IOVSS
−0.3 V to IOVDD + 0.3 V
Digital Inputs to IOVSS
−0.3 V to IOVDD + 0.3 V
SCK, SL, SDATA to DVSS
−0.3 V to DVDD + 0.3 V
REFT, REFB, CCDIN to AVSS
−0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
350°C
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
Unit
CSP_BGA (BC-105-1)
40.3
°C/W
ESD CAUTION


Số phần tương tự - AD9920A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920ABBCZRL AD-AD9920ABBCZRL Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results

Mô tả tương tự - AD9920A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9995 AD-AD9995_15 Datasheet
2Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9995 AD-AD9995 Datasheet
1Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9994 AD-AD9994 Datasheet
63Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. Sp0
AD9992 AD-AD9992_15 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com