công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9911 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD9911
Giải thích chi tiết về linh kiện  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9911 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD9911_15 Datasheet HTML 6Page - Analog Devices AD9911_15 Datasheet HTML 7Page - Analog Devices AD9911_15 Datasheet HTML 8Page - Analog Devices AD9911_15 Datasheet HTML 9Page - Analog Devices AD9911_15 Datasheet HTML 10Page - Analog Devices AD9911_15 Datasheet HTML 11Page - Analog Devices AD9911_15 Datasheet HTML 12Page - Analog Devices AD9911_15 Datasheet HTML 13Page - Analog Devices AD9911_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9911
Rev. 0 | Page 10 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
SYNC_IN
2
SYNC_OUT
3
MASTER_RESET
4
PWR_DWN_CTL
5
AVDD
6
NC
7
AVDD
8
AVDD
9
AVDD
10
NC
11
AVDD
12
NC
13
AVDD
14
AVDD
35
IOUT
36
IOUT
37
AVDD
38
AGND
39
AVDD
40
P0
41
P1
42
P2
34
AGND
33
AVDD
32
NC
31
AVDD
30
AVDD
29
AVDD
TOP VIEW
(Not to Scale)
AD9911
NOTES
1. THE EXPOSED EPAD ON BOTTOM SIDE OF PACKAGE IS
AN ELECTRICAL CONNECTION AND MUST BE
SOLDERED TO GROUND.
2. PIN 49 IS DVDD_I/O AND IS TIED TO 3.3V.
Figure 6. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
SYNC_IN
I
Synchronizes Multiple AD9911 Devices. Connects to the SYNC_OUT pin of the master
AD9911 device.
2
SYNC_OUT
O
Synchronizes Multiple AD9911 Devices. Connects to the SYNC_IN pin of the slave
AD9911 device.
3
MASTER_RESET
I
Active High Reset Pin. Asserting this pin forces the internal registers to the default
state shown in the Register Map section.
4
PWR_DWN_CTL
I
External Power-Down Control. See the Power Down Functions section for details.
5, 7, 8, 9, 11, 13, 14,
15, 19, 21, 26, 29,
30, 31, 33, 37, 39
AVDD
I
Analog Power Supply Pins (1.8 V).
18, 20, 25, 34, 38
AGND
I
Analog Ground Pins.
45, 55
DVDD
I
Digital Power Supply Pins (1.8 V).
44, 56
DGND
I
Digital Power Ground Pins.
35
IOUT
O
Complementary DAC Output. Terminates into AVDD.
36
IOUT
O
True DAC Output. Terminates into AVDD.
17
DAC_RSET
I
Establishes the Reference Current for the DAC. A 1.91 kΩ resistor (nominal) is
connected from Pin 17 to AGND.
22
REF_CLK
I
Complementary Reference Clock/Oscillator Input. When the REF_CLK is operated in
single-ended mode, this pin should be decoupled to AVDD or AGND with a
0.1 μF capacitor.
23
REF_CLK
I
Reference Clock/Oscillator Input. When the REF_CLK operates in single-ended mode,
Pin 23 is the input. See the Modes of Operation section for the reference clock
configuration.
24
CLK_MODE_SEL
I
Control Pin for the Oscillator. CAUTION: Do not drive this pin beyond 1.8 V. When high
(1.8 V), the oscillator is enabled to accept a crystal as the REF_CLK source. When low,
the oscillator is bypassed.
27
LOOP_FILTER
I
Connects to the External Zero Compensation Network of the PLL Loop Filter. Typically,
the network consists of a 0 Ω resistor in series with a 680 pF capacitor tied to AVDD.


Số phần tương tự - AD9911_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
   500 MSPS Direct Digital Synthesizer 10-Bit DAC
More results

Mô tả tương tự - AD9911_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9911 AD-AD9911 Datasheet
943Kb / 44P
   500 MSPS Direct Digital Synthesizer with 10-Bit DAC
REV. 0
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
   500 MSPS Direct Digital Synthesizer 10-Bit DAC
AD9913 AD-AD9913 Datasheet
690Kb / 32P
   Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
REV. 0
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Analog Devices
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914S AD-AD9914S Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com