công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9889 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD9889
Giải thích chi tiết về linh kiện  High Performance HDMI/DVI Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9889 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD9889_15 Datasheet HTML 1Page - Analog Devices AD9889_15 Datasheet HTML 2Page - Analog Devices AD9889_15 Datasheet HTML 3Page - Analog Devices AD9889_15 Datasheet HTML 4Page - Analog Devices AD9889_15 Datasheet HTML 5Page - Analog Devices AD9889_15 Datasheet HTML 6Page - Analog Devices AD9889_15 Datasheet HTML 7Page - Analog Devices AD9889_15 Datasheet HTML 8Page - Analog Devices AD9889_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD9889
Rev. 0 | Page 3 of 48
ELECTRICAL SPECIFICATIONS
Table 1.
AD9889KSTZ-80
Parameter
Temp
Test Level
Min
Typ
Max
Unit
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
1.4
V
Input Voltage, Low (VIL)
Full
VI
0.7
V
Input Current, High (VIH)
Full
V
−1.0
mA
Input Current, Low (VIL)
Full
V
+1.0
mA
Input Capacitance
25°C
V
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
AVDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.4
V
THERMAL CHARACTERISTICS
θJC Junction-to-Case
Thermal Resistance
V
25
°C/W
θJA Junction-to-Ambient
Thermal Resistance
V
30
°C/W
Ambient Temperature
Full
V
0
25
70
°C
DC SPECIFICATIONS
Input Leakage Current, IIL
25°C
VI
−10
+10
μA
Input Clamp Voltage (−16 mA)
25°C
V
−0.8
V
Input Clamp Voltage (+16 mA)
25°C
V
+0.8
Differential High Level Output Voltage
V
AVCC
V
Differential Output Short-Circuit Current
V
10
μA
POWER SUPPLY
VDD (All) Supply Voltage
Full
IV
1.71
1.8
1.89
V
VDD Supply Voltage Noise
Full
V
50
mV p-p
Complete Power-Down Current
(Everything Except I2C)
25°C
IV
6
13
mA
Quiet Power Down Current
(Monitor Detect On)
25°C
VI
7
mA
Transmitter Supply Current
(27 MHz Typical Random Pattern)
25°C
VI
165
mA
Transmitter Supply Current
(80 MHz Typical Random Pattern)
25°C
IV
185
205
mA
Transmitter Total Power
(80 MHz Single Pixel Stripe Pattern; Worst Case
Operating Conditions)
Full
VI
430
mW
AC SPECIFICATIONS
CLK Frequency
25°C
IV
13.5
80
MHz
CLK Duty Cycle
25°C
VI
40%
60%
Worst Case CLK Input Jitter
Full
VI
1.0
ns
Setup Time to CLK Falling Edge
VI
TBD
TBD
ns
Hold Time to CLK Falling Edge
VI
TBD
TBD
ns
TMDS Differential Swing
VII
800
1000
1200
mV
VSYNC and HSYNC Delay from DE Falling Edge
VI
1
UI
VSYNC and HSYNC Delay to DE Rising Edge
VI
1
UI
DE High Time
25°C
VI
8191
UI
DE Low Time
25°C
VI
138
UI
Differential Output Swing Low-to-High
Transition Time
25°C
VII
75
490
ps
Differential Swing Output High-to-Low
Transition Time
25°C
VII
75
490
ps


Số phần tương tự - AD9889_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889ABBCZ-80 AD-AD9889ABBCZ-80 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889ABBCZRL-80 AD-AD9889ABBCZRL-80 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results

Mô tả tương tự - AD9889_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889 Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com