công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9887 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD9887
Giải thích chi tiết về linh kiện  Dual Interface for Flat Panel Displays
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9887 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD9887_15 Datasheet HTML 3Page - Analog Devices AD9887_15 Datasheet HTML 4Page - Analog Devices AD9887_15 Datasheet HTML 5Page - Analog Devices AD9887_15 Datasheet HTML 6Page - Analog Devices AD9887_15 Datasheet HTML 7Page - Analog Devices AD9887_15 Datasheet HTML 8Page - Analog Devices AD9887_15 Datasheet HTML 9Page - Analog Devices AD9887_15 Datasheet HTML 10Page - Analog Devices AD9887_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
REV. 0
AD9887
–7–
Table I. Complete Pinout List
Pin
Pin
Pin
Type
Name
Function
Value
Number
Interface
Analog Video
RAIN
Analog Input for Converter R
0.0 V to 1.0 V
119
Analog
Inputs
GAIN
Analog Input for Converter G
0.0 V to 1.0 V
110
Analog
BAIN
Analog Input for Converter B
0.0 V to 1.0 V
100
Analog
External
HSYNC
Horizontal SYNC Input
3.3 V CMOS
82
Analog
Sync/Clock
VSYNC
Vertical SYNC Input
3.3 V CMOS
81
Analog
Inputs
SOGIN
Input for Sync-on-Green
0.0 V to 1.0 V
108
Analog
CLAMP
Clamp Input (External CLAMP Signal)
3.3 V CMOS
93
Analog
COAST
PLL COAST Signal Input
3.3 V CMOS
84
Analog
CKEXT
External Pixel Clock Input (to Bypass the PLL) to VDD or Ground
3.3 V CMOS
83
Analog
CKINV
ADC Sampling Clock Invert
3.3 V CMOS
94
Analog
Sync Outputs
HSOUT
HSYNC Output Clock (Phase-Aligned with DATACK)
3.3 V CMOS
139
Both
VSOUT
VSYNC Output Clock (Phase-Aligned with DATACK)
3.3 V CMOS
138
Both
SOGOUT
Sync on Green Slicer Output
3.3 V CMOS
140
Analog
Voltage
REFOUT
Internal Reference Output (Bypass with 0.1
µF to Ground)
1.25 V
126
Analog
Reference
REFIN
Reference Input (1.25 V
± 10%)
1.25 V
± 10%
125
Analog
Clamp Voltages
RMIDSCV
Red Channel Midscale Clamp Voltage Output
120
Analog
RCLAMPV
Red Channel Midscale Clamp Voltage Input
0.0 V to 0.75 V
118
Analog
GMIDSCV
Green Channel Midscale Clamp Voltage Output
111
Analog
GCLAMPV
Green Channel Midscale Clamp Voltage Input
0.0 V to 0.75 V
109
Analog
BMIDSCV
Blue Channel Midscale Clamp Voltage Output
101
Analog
BCLAMPV
Blue Channel Midscale Clamp Voltage Input
0.0 V to 0.75 V
99
Analog
PLL Filter
FILT
Connection for External Filter Components for Internal PLL
78
Analog
Power Supply
VD
Analog Power Supply
3.3 V
± 10%
Both
VDD
Output Power Supply
3.3 V
± 10%
Both
PVD
PLL Power Supply
3.3 V
± 10%
Both
GND
Ground
0 V
Both
Serial Port
SDA
Serial Port Data I/O
3.3 V CMOS
92
Both
(2-Wire
SCL
Serial Port Data Clock (100 kHz Max)
3.3 V CMOS
91
Both
Serial Interface)
A0
Serial Port Address Input 1
3.3 V CMOS
90
Both
A1
Serial Port Address Input 2
3.3 V CMOS
89
Both
Data Outputs
Red B[7:0]
Port B/Odd Outputs of Converter “Red,” Bit 7 Is the MSB
3.3 V CMOS
153–160
Both
Green B[7:0]
Port B/Odd Outputs of Converter “Green,” Bit 7 Is the MSB
3.3 V CMOS
13–20
Both
Blue B[7:0]
Port B/Odd Outputs of Converter “Blue,” Bit 7 Is the MSB
3.3 V CMOS
33–40
Both
Red A[7:0]
Port A/Even Outputs of Converter “Red,” Bit 7 Is the MSB
3.3 V CMOS
143–150
Both
Green A[7:0]
Port A/Even Outputs of Converter “Green,” Bit 7 Is the MSB
3.3 V CMOS
3–10
Both
Blue A[7:0]
Port A/Even Outputs of Converter “Blue,” Bit 7 Is the MSB
3.3 V CMOS
23–30
Both
Data Clock
DATACK
Data Output Clock for the Analog and Digital Interface
3.3 V CMOS
134
Both
Outputs
DATACK
Data Output Clock Complement for the Analog Interface Only
3.3 V CMOS
135
Both
Sync Detect
SCDT
Sync Detect Output
3.3 V CMOS
136
Both
Scan Function
SCANIN
Input for SCAN Function
3.3 V CMOS
129
Both
SCANOUT
Output for SCAN Function
3.3 V CMOS
45
Both
SCANCLK
Clock for SCAN Function
3.3 V CMOS
50
Both
No Connect
NC
These Pins Should be Left Unconnected
71–73
Both
Digital Video
Rx0+
Digital Input Channel 0 True
62
Digital
Data Inputs
Rx0
Digital Input Channel 0 Complement
63
Digital
Rx1+
Digital Input Channel 1 True
59
Digital
Rx1
Digital Input Channel 1 Complement
60
Digital
Rx2+
Digital Input Channel 2 True
56
Digital
Rx2
Digital Input Channel 2 Complement
57
Digital
Digital Video
Rxc+
Digital Data Clock True
65
Digital
Clock Inputs
Rxc
Digital Data Clock Complement
66
Digital
Data Enable
DE
Data Enable
3.3 V CMOS
137
Digital
Control Bits
CTL[0:3]
Decoded Control Bits
3.3 V CMOS
46–49
Digital
RTERM
RTERM
Sets Internal Termination Resistance
53
Digital


Số phần tương tự - AD9887_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9887/PCB AD-AD9887/PCB Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

Mô tả tương tự - AD9887_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com