công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9882 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD9882
Giải thích chi tiết về linh kiện  Dual Interface for Flat Panel Displays
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9882 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD9882_15 Datasheet HTML 1Page - Analog Devices AD9882_15 Datasheet HTML 2Page - Analog Devices AD9882_15 Datasheet HTML 3Page - Analog Devices AD9882_15 Datasheet HTML 4Page - Analog Devices AD9882_15 Datasheet HTML 5Page - Analog Devices AD9882_15 Datasheet HTML 6Page - Analog Devices AD9882_15 Datasheet HTML 7Page - Analog Devices AD9882_15 Datasheet HTML 8Page - Analog Devices AD9882_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
REV. A
AD9882
–5–
Test
AD9882KST
Parameter
Conditions
Temp
Level
Min
Typ
Max
Unit
AC SPECIFICATIONS
Intra-Pair (+ to –) Differential
Input Skew (TDPS)
Full
IV
360
ps
Channel-to-Channel Differential
Full
IV
1
Clock
Input Skew (TCCS)
Period
Low-to-High Transition Time
for Data (DLHT)Output Drive = High,
CL = 10 pF
Full
IV
2.2
ns
Output Drive = Med,
CL = 7 pF
Full
IV
2.5
ns
Output Drive = Low,
CL = 5 pF
Full
IV
3.2
ns
Low-to-High Transition Time for
DATACK (DLHT)Output Drive = High,
CL = 10 pF
Full
IV
1.0
ns
Output Drive = Med,
CL = 7 pF
Full
IV
1.6
ns
Output Drive = Low,
CL = 5 pF
Full
IV
2.1
ns
High-to-Low Transition Time for
Data (DHLT)Output Drive = High,
CL = 10 pF
Full
IV
2.2
ns
Output Drive = Med,
CL = 7 pF
Full
IV
1.9
ns
Output Drive = Low,
CL = 5 pF
Full
IV
1.7
ns
High-to-Low Transition Time for
DATACK (DHLT)Output Drive = High,
CL = 10 pF
Full
IV
1.0
ns
Output Drive = Med,
CL = 7 pF
Full
IV
1.0
ns
Output Drive = Low,
CL = 5 pF
Full
IV
1.4
ns
Data-to-Clock Skew
4
Full
IV
–0.5
+2.0
ns
Duty Cycle, DATACK
4
Full
IV
40
46
50
%
DATACK Frequency (FCIP)
Full
VI
25
112
MHz
NOTES
1The typical pattern contains a grayscale area, Output Drive = High.
2DATACK Load = 10 pF, Data Load = 10 pF.
3The worst-case pattern contains a black and white checkerboard pattern, Output Drive = High.
4DRIVE STRENGTH = 11
Specifications subject to change without notice.


Số phần tương tự - AD9882_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9882/PCB AD-AD9882/PCB Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A/PCB AD-AD9882A/PCB Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-100 AD-AD9882AKSTZ-100 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-140 AD-AD9882AKSTZ-140 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
More results

Mô tả tương tự - AD9882_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com