công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD10242 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD10242
Giải thích chi tiết về linh kiện  Dual, 12-Bit, 40 MSPS MCM A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD10242 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD10242_15 Datasheet HTML 1Page - Analog Devices AD10242_15 Datasheet HTML 2Page - Analog Devices AD10242_15 Datasheet HTML 3Page - Analog Devices AD10242_15 Datasheet HTML 4Page - Analog Devices AD10242_15 Datasheet HTML 5Page - Analog Devices AD10242_15 Datasheet HTML 6Page - Analog Devices AD10242_15 Datasheet HTML 7Page - Analog Devices AD10242_15 Datasheet HTML 8Page - Analog Devices AD10242_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Test
Mil
AD10242BZ/TZ
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE
9
Analog Input @ 1.2 MHz
25
°CI
81
dBFS
@ 4.85 MHz
25
°CI
47080
dBFS
Full
II
5, 6
70
79
dBFS
@ 9.9 MHz
25
°CI
46370
dBFS
Full
II
5, 6
63
69
dBFS
@ 19.5 MHz
25
°CI
46067
dBFS
Full
II
5, 6
60
66
dBFS
TWO-TONE IMD REJECTION
10
F1, F2 @ –7 dBFS
Full
II
4, 5, 6
70
76
dBc
CHANNEL-TO-CHANNEL ISOLATION
11
25
°CIV
12
75
80
dB
TRANSIENT RESPONSE
25
°CV
10
ns
LINEARITY
Differential Nonlinearity
25
°CIV
12
0.3
1.0
LSB
(Encode = 20 MHz)
Full
IV
12
0.5
1.25
LSB
Integral Nonlinearity
25
°CV
0.3
LSB
(Encode = 20 MHz)
Full
V
0.5
LSB
OVERVOLTAGE RECOVERY TIME
12
VIN = 2.0
× FS
Full
IV
12
50
100
ns
VIN = 4.0
× FS
Full
IV
12
75
200
ns
DIGITAL OUTPUTS
Logic Compatibility
CMOS
Logic “1” Voltage
13
Full
I
1, 2, 3
3.5
4.2
V
Logic “0” Voltage
14
Full
I
1, 2, 3
0.45
0.65
V
Output Coding
Twos Complement
POWER SUPPLY
AVCC Supply Voltage
Full
VI
5.0
V
I (AVCC) Current
Full
V
260
mA
AVEE Supply Voltage
Full
VI
–5.0
V
I (AVEE) Current
Full
V
55
mA
DVCC Supply Voltage
Full
VI
5.0
V
I (DVCC) Current
Full
V
25
mA
ICC (Total) Supply Current
Full
I
1, 2, 3
350
400
mA
Power Dissipation (Total)
Full
I
1, 2, 3
1.75
2.0
W
Power Supply Rejection Ratio (PSRR)
Full
I
7, 8
0.01
0.02
% FSR/% VS
Pass-Band Ripple to 10 MHz
Full
IV
12
0.2
dB
NOTES
1Gain tests are performed on A
IN3 over specified input voltage range.
2Input capacitance specifications combine AD9632 die capacitance and ceramic package capacitance.
3Full power bandwidth is the frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB.
4ENCODE driven by single-ended source;
ENCODE bypassed to ground through 0.01
µF capacitor.
5ENCODE may also be driven differentially in conjunction with
ENCODE; see Encoding the AD10242 section for details.
6Minimum and maximum conversion rates allow for variation in Encode Duty Cycle of 50%
± 5%.
7Analog Input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first five harmonics removed). Encode = 40.0 MSPS.
8Analog Input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 40.0 MSPS.
9Analog Input signal equals –1 dBFS; SFDR is the ratio of converter full scale to worst spur.
10Both input tones at –7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermod product. f1 = 10.0 MHz
± 100 kHz, 50 kHz ≤ f1 – f2 ≤ 300 kHz.
11Channel-to-channel isolation tested with A channel grounded and a full-scale signal applied to B channel (A
IN1).
12Input driven to 2
× and 4× A
IN1 range for >4 clock cycles. Output recovers in band in specified time with Encode = 40 MSPS. No foldover guaranteed.
13Outputs are sourcing 10
µA.
14Outputs are sinking 10
µA.
All specifications guaranteed within 100 ms of initial power-up regardless of sequencing.
Specifications subject to change without notice.
AD10242
–3–
REV. C


Số phần tương tự - AD10242_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD10242 AD-AD10242_17 Datasheet
448Kb / 16P
   MCM A/D Converter
More results

Mô tả tương tự - AD10242_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
   Dual 13/12-Bit 20/40 MSPS A/D Converter
logo
National Semiconductor ...
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
   Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040_13 Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD9224 AD-AD9224 Datasheet
309Kb / 24P
   Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com