công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9100 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD9100
Giải thích chi tiết về linh kiện  Ultrahigh Speed Monolithic Track-and-Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9100 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD9100_15 Datasheet HTML 1Page - Analog Devices AD9100_15 Datasheet HTML 2Page - Analog Devices AD9100_15 Datasheet HTML 3Page - Analog Devices AD9100_15 Datasheet HTML 4Page - Analog Devices AD9100_15 Datasheet HTML 5Page - Analog Devices AD9100_15 Datasheet HTML 6Page - Analog Devices AD9100_15 Datasheet HTML 7Page - Analog Devices AD9100_15 Datasheet HTML 8Page - Analog Devices AD9100_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9100
REV. B
–3–
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures.
III – Periodically sample tested.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for extended
temperature devices; sample tested at temperature
extremes for commercial/industrial devices.
ORDERING GUIDE
Temperature
Package
Package
Model*
Range
Description
Option
AD9100JD
0
°C to +70°C
Ceramic DIP
D-20
AD9100AD
–40
°C to +85°C
Ceramic DIP
D-20
AD9100SD
–55
°C to +125°C
Ceramic DIP
D-20
*Consult factory about availability of parts screened to MIL-STD-883.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9100 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
EVALUATION BOARD ORDERING INFORMATION
Part Number
Description
AD9100/PWB
Printed Wiring Board (Only) of Evaluation
Circuit
AD9100/PCB
Evaluation Board for AD9100T/H, Assembled
and Tested [Order AD9100T/H (DIP)
Separately]
CLOCK
INPUTS
+2V
0V
–2V
ANALOG
INPUT
+2V
0V
–2V
"1"
"0"
CLOCK (PIN #19)
CLOCK
HOLD
TO
TRACK
SWITCH
DELAY
TIME
(4ns)
APERTURE
DELAY
(0.8ns)
"TRACK"
VOLTAGE
LEVEL HELD
"HOLD"
"HOLD"
TRACK TO
HOLD
SETTLING
(7ns)
HOLD CAPACITOR/
ANALOG OUTPUT
OBSERVED AT
HOLD CAPACITOR
OBSERVED AT
ANALOG OUTPUT
ACQUISITION TIME
(16ns)
Figure 1. Timing Diagram (1 ns/div)
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltages (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . 70 mA
Analog Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . .
±5 V
Operating Temperature Range (Case)
AD9100JD . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD9100AD . . . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
AD9100SD . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . +300
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Analog input voltage should not exceed
± V
S.


Số phần tương tự - AD9100_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9100AD AD-AD9100AD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100JD AD-AD9100JD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100SD AD-AD9100SD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results

Mô tả tương tự - AD9100_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
   Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
logo
Burr-Brown (TI)
SHC605 BURR-BROWN-SHC605 Datasheet
200Kb / 15P
   High-Speed Operational TRACK-AND-HOLD AMPLIFIER
logo
API Technologies Corp
MN346 APITECH-MN346 Datasheet
818Kb / 4P
   High Speed Track-hold Amplifiers
logo
Integrated Circuit Syst...
MN346 ICST-MN346 Datasheet
813Kb / 4P
   High Speed Track-hold Amplifiers
logo
Analog Devices
HTS-0010 AD-HTS-0010_15 Datasheet
744Kb / 6P
   Ultra High Speed Hybrid Track and Hold Ampligiers
HTS-0025 AD-HTS-0025 Datasheet
1Mb / 6P
   Ultra High Speed Hybird Track-and Hold Amplifiers
HTS-0025 AD-HTS-0025_15 Datasheet
1Mb / 6P
   Ultra High Speed Hybrid Track and Hold Amplifiers
HTS-0010 AD-HTS-0010 Datasheet
739Kb / 6P
   Ultra High Speed Hybird Track-and Hold Amplifiers
logo
List of Unclassifed Man...
MN374 ETC1-MN374 Datasheet
472Kb / 5P
   HIGH-SPEED HIGH-RESOLUTION TRACK-HOLD AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com