công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8842 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD8842
Giải thích chi tiết về linh kiện  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8842 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD8842_15 Datasheet HTML 1Page - Analog Devices AD8842_15 Datasheet HTML 2Page - Analog Devices AD8842_15 Datasheet HTML 3Page - Analog Devices AD8842_15 Datasheet HTML 4Page - Analog Devices AD8842_15 Datasheet HTML 5Page - Analog Devices AD8842_15 Datasheet HTML 6Page - Analog Devices AD8842_15 Datasheet HTML 7Page - Analog Devices AD8842_15 Datasheet HTML 8Page - Analog Devices AD8842_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AD8842
REV.
–3–
DETAIL SERIAL DATA INPUT TIMING (PR = “1”)
SDI
1
0
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
LD
1
DAC REGISTER LOAD
VOUT
0V
+3V
CLK
1
0
tDS
tDH
tPD
tCH
tCL
tCKLD
tLD
tLDCK
tS
±1 LSB
±1 LSB ERROR BAND
SDO
CLK
LD
VOUT
(DATA OUT)
Ax or Dx
SDI
(DATA IN)
1
0
1
0
1
0
1
0
+3V
0V
PRESET TIMING
tS
±1 LSB
±1 LSB ERROR BAND
PR
VOUT
0
+3V
0V
1
tPR
Figure 3. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –7 V
VINx to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDD, VSS
VOUTx to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDD, VSS
Short Circuit IOUTx to GND . . . . . . . . . . . . . . . . . Continuous
Digital Input & Output Voltage to GND . . . . . . . . . . VDD, 0 V
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature (TJ Max) . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Package Power Dissipation . . . . . . . . . . . . . . . (TJ Max–TA)/
θ
JA
Thermal Resistance
θ
JA,
SOIC (SOL-24) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
°C/W
P-DIP (N-24) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
°C/W
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8842 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
A


Số phần tương tự - AD8842_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8842AN AD-AD8842AN Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842AN AD-AD8842AN Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842AN AD-AD8842AN Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Mô tả tương tự - AD8842_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com