công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HA-5160 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện HA-5160
Giải thích chi tiết về linh kiện  100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5160 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  HA-5160 Datasheet HTML 1Page - Intersil Corporation HA-5160 Datasheet HTML 2Page - Intersil Corporation HA-5160 Datasheet HTML 3Page - Intersil Corporation HA-5160 Datasheet HTML 4Page - Intersil Corporation HA-5160 Datasheet HTML 5Page - Intersil Corporation HA-5160 Datasheet HTML 6Page - Intersil Corporation HA-5160 Datasheet HTML 7Page - Intersil Corporation HA-5160 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Supply Current
Full
-
8
10
mA
Power Supply Rejection Ratio
VS = ±10V to ±20V
25
74
86
-
dB
NOTES:
2. Full Power Bandwidth guaranteed, based on slew rate measurement using:
.
3. Refer to Test circuits section of the data sheet.
4. Settling Time is measured to 0.2% of final value for a 10V output step.
5. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
VSUPPLY = ±15V, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP.
(°C)
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
FPBW
Slew Rate
2
πVPEAK
-----------------------------
=
Test Circuits and Waveforms
FIGURE 1. LARGE AND SMALL SIGNAL RESPONSE TEST CIRCUIT
NOTES:
6. AV = -10.
7. Feedback and summing resistors should be 0.1% matched.
8. Clipping diodes are optional. HP5082-2810 recommended.
FIGURE 2. SETTLING TIME TEST CIRCUIT
Vertical Scale: A = 0.5V/Div., B = 5V/Div.
Horizontal Scale: 500ns/Div.
LARGE SIGNAL RESPONSE
Vertical Scale: A = 10mV/Div., B = 100mV/Div.
Horizontal Scale: 100ns/Div.
SMALL SIGNAL RESPONSE
+
IN
OUT
50pF
1.8k
Ω
200
Ω
5pF
-
+
-15V
+15V
50pF
2N4416
5k
Ω
+15V
2k
Ω
200
Ω
2k
Ω
TO
OSCILLOSCOPE
500
Ω
VOUT
VIN
AUT
(NOTE 8)
3k
Ω
-
OUTPUT B
INPUT A
0V
0V
OUTPUT B
INPUT A
0V
0V
HA-5160


Số phần tương tự - HA-5160

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
More results

Mô tả tương tự - HA-5160

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com