công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8600 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD8600
Giải thích chi tiết về linh kiện  16-Channel, 8-Bit Multiplying DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8600 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD8600_15 Datasheet HTML 2Page - Analog Devices AD8600_15 Datasheet HTML 3Page - Analog Devices AD8600_15 Datasheet HTML 4Page - Analog Devices AD8600_15 Datasheet HTML 5Page - Analog Devices AD8600_15 Datasheet HTML 6Page - Analog Devices AD8600_15 Datasheet HTML 7Page - Analog Devices AD8600_15 Datasheet HTML 8Page - Analog Devices AD8600_15 Datasheet HTML 9Page - Analog Devices AD8600_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
–6–
AD8600
TRANSFER EQUATIONS
Output Voltage
O
i = D ×
V
REF
256
where i is the DAC channel number and D is the decimal value
of the DAC register data.
Table I. Truth Table
EN
R/W
CS LD
RS
Operation
Write to DAC Register
X
H
L
H
Update DAC Register
L
X
H
H
Update DAC Register
+
X
H
L
H
Latches DAC Register
L
X
H
+
H
Latches DAC Register
L
L
L
L
H
DAC Register Transparent
Write to Input Register
L
L
L
H
H
Load Data to Input Register at
Decoded Address
+
L
L
H
H
Latches Data in Input Register at
Decoded Address
L
L
+
H
H
Latches Data in Input Register at
Decoded Address
Readback Input Registers
X
H
L
H
H
Input Register Readback (Data
Access)
X
H
+
H
H
Hi-Z Readback Disconnects from
Bus
X
X
H
X
X
Hi-Z on Data Bus
Reset
X
X
X
X
L
Clear All Registers to Zero,
VOUT = 0 V
X
X
H
H
+
Latches All Registers to Zero
LX
LH
+
CS
= Low; Input Register Ready
for R/W, DAC Register Latched
to Zero
NOTES
1+ symbol means positive edge of control input line.
2– symbol means negative edge of control input line.
Decoded DAC Register
O
i = A
where A is the decimal value of the decoded address bits A3,
A2, A1, A0 (LSB).
Address, CS, R/W and data inputs should be stable prior to acti-
vation of the active low EN input. Input registers are transpar-
ent when EN is low. When EN returns high, data is latched into
the decoded input register. When the load strobe LD and EN
pins are active low, all input register data is transferred to the
DAC registers. The DAC registers are transparent while they
are enabled.
Table II. Address Decode Table
A3
A2
A1
A0
Addr
DAC
(MSB)
(LSB)
Code
Updated
(Binary)
(Hex)
000
0
0
O0
000
1
1
O1
001
0
2
O2
001
1
3
O3
010
0
4
O4
010
1
5
O5
011
0
6
O6
011
1
7
O7
100
0
8
O8
100
1
9
O9
101
0
A
O10
101
1
B
O11
110
0
C
O12
110
1
D
O13
111
0
E
O14
111
1
F
O15


Số phần tương tự - AD8600_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8600AP AD-AD8600AP Datasheet
236Kb / 16P
   16-Channel, 8-Bit Multiplying DAC
REV. 0
AD8600CHIPS AD-AD8600CHIPS Datasheet
236Kb / 16P
   16-Channel, 8-Bit Multiplying DAC
REV. 0
More results

Mô tả tương tự - AD8600_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8600 AD-AD8600 Datasheet
236Kb / 16P
   16-Channel, 8-Bit Multiplying DAC
REV. 0
logo
Sipex Corporation
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD7524JNZ AD-AD7524JNZ Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524JRZ AD-AD7524JRZ Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524 AD-AD7524 Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JPZ AD-AD7524JPZ Datasheet
129Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com