công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8565 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD8565
Giải thích chi tiết về linh kiện  16 V Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8565 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD8565_15 Datasheet HTML 6Page - Analog Devices AD8565_15 Datasheet HTML 7Page - Analog Devices AD8565_15 Datasheet HTML 8Page - Analog Devices AD8565_15 Datasheet HTML 9Page - Analog Devices AD8565_15 Datasheet HTML 10Page - Analog Devices AD8565_15 Datasheet HTML 11Page - Analog Devices AD8565_15 Datasheet HTML 12Page - Analog Devices AD8565_15 Datasheet HTML 13Page - Analog Devices AD8565_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8565/AD8566/AD8567
Rev. G | Page 10 of 16
This input current is not inherently damaging to the device as
long as it is limited to 5 mA or less. If a condition exists using
the AD8565/AD8566/AD8567 where the input exceeds the
supply more than 0.6 V, an external series resistor should be
added. The size of the resistor can be calculated by using the
maximum over-voltage divided by 5 mA. This resistance should
be placed in series with either input exposed to an overvoltage.
OUTPUT PHASE REVERSAL
The AD8565/AD8566/AD8567 are immune to phase reversal.
Although device output does not change phase, large currents
due to input overvoltage could damage the device. In applica-
tions where the possibility of an input voltage exceeding the
supply voltage exists, overvoltage protection should be used as
described in the Input Overvoltage Protection section.
POWER DISSIPATION
The maximum allowable internal junction temperature of
150°C limits the maximum power dissipation of AD8565/
AD8566/AD8567 devices. As the ambient temperature
increases, the maximum power dissipated by AD8565/AD8566/
AD8567 devices must decrease linearly to maintain maximum
junction temperature. If this maximum junction temperature is
exceeded momentarily, the device still operates properly once
the junction temperature is reduced below 150°C. If the
maximum junction temperature is exceeded for an extended
period, overheating could lead to permanent damage of the
device.
The maximum safe junction temperature, TJMAX, is 150°C. Using
the following formula, the maximum power that an AD8565/
AD8566/AD8567 device can safely dissipate as a function of
temperature can be obtained:
PDISS = TJMAX − TAJA
where:
PDISS is the AD8565/AD8566/AD8567 power dissipation.
TJMAX is the AD8565/AD8566/AD8567 maximum allowable
junction temperature (150°C).
TA is the ambient temperature of the circuit.
θJA is the AD8565/AD8566/AD8567 package thermal resistance,
junction-to-ambient.
The power dissipated by the device can be calculated as
PDISS = (VS − VOUT) × ILOAD
where:
VS is the supply voltage.
VOUT is the output voltage.
ILOAD is the output load current.
Figure 30 shows the maximum power dissipation vs. temper-
ature. To achieve proper operation, use the previous equation to
calculate PDISS for a specific package at any given temperature or
use Figure 30.
AMBIENT TEMPERATURE (°C)
1.25
0.75
0
–35
0.50
0.25
1.00
–15
5
25
45
65
85
16-LEAD LFCSP
5-LEAD SC70
8-LEAD MSOP
14-LEAD TSSOP
Figure 30. Maximum Power Dissipation vs. Temperature for 5-Lead SC70,
8-Lead MSOP, 14-Lead TSSOP, and 16-Lead LFCSP Packages
THERMAL PAD—AD8567
The AD8567 LFCSP comes with a thermal pad that is attached
to the substrate. This substrate is connected to the most positive
supply, that is, Pin 3 in the LFCSP package and Pin 4 in the
TSSOP package. To be electrically safe, the thermal pad should
be soldered to an area on the board that is electrically isolated
or connected to VDD. Attaching the thermal pad to ground
adversely affects the performance of the part.
Soldering down this thermal pad dramatically improves the
heat dissipation of the package. It is necessary to attach vias that
connect the soldered thermal pad to another layer on the board.
This provides an avenue to dissipate the heat away from the
part. Without vias, the heat is isolated directly under the part.


Số phần tương tự - AD8565_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results

Mô tả tương tự - AD8565_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com