công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8015 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD8015
Giải thích chi tiết về linh kiện  Wideband/Differential Output Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8015 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD8015_15 Datasheet HTML 1Page - Analog Devices AD8015_15 Datasheet HTML 2Page - Analog Devices AD8015_15 Datasheet HTML 3Page - Analog Devices AD8015_15 Datasheet HTML 4Page - Analog Devices AD8015_15 Datasheet HTML 5Page - Analog Devices AD8015_15 Datasheet HTML 6Page - Analog Devices AD8015_15 Datasheet HTML 7Page - Analog Devices AD8015_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD8015
REV. A
–3–
.
V1
+VS
CLOCK
RECOVERY
LPF:
3dB@
0.7 x F
LPF:
3dB@
0.7 x F
QUANTIZER
R > 40
C1 >100pF
4.5V < VS < 11V
CLK
DATA
R
R
C1
10k
5
6
7
8
4
3
2
1
AD8015
50
+1
G = 3
G = 30
50
+1
– +
+VS
1.7V
1.7V
+VS
Figure 3. Fiber Optic Receiver Application: Photodiode
Referred to Positive Supply
PHOTODIODE REFERRED TO NEGATIVE SUPPLY
Figure 4 shows the AD8015 used in a circuit where the photo-
diode is referred to the negative supply. This results in a larger
back bias voltage than when referring the photodiode to the
positive supply. The larger back bias voltage on the photodiode
decreases the photodiode’s capacitance thereby increasing its
bandwidth. The R2, C2 network shown in Figure 4 is added to
decouple the photodiode to the positive supply. This improves
PSRR.
+VS
1.7V
+VS
R2
C2
R > 40
C1 >100pF
4.5V < VS < 11V
R2 AND C2 OPTIONAL
FOR IMPROVED PSRR
V1
+VS
CLOCK
RECOVERY
LPF:
3dB@
0.7 x F
LPF:
3dB@
0.7 x F
QUANTIZER
CLK
DATA
R
R
C1
10k
5
6
7
8
4
3
2
1
AD8015
50
+1
G = 3
G = 30
50
+1
– +
+VS
1.7V
Figure 4. Fiber Optic Receiver Application: Photodiode
Referred to Negative Supply
FIBER OPTIC SYSTEM NOISE PERFORMANCE
The AD8015 maintains 26.5 nA referred to input (RTI) to 100
MHz. Calculations below translate this specification into mini-
mum power level and bit error rate specifications for SONET
and FDDI systems. The dominant sources of noise are: 10 k
feedback resistor current noise, input bipolar transistor base
current noise, and input voltage noise.
The AD8015 has dielectrically isolated devices and bond pads
that minimize stray capacitance at the IIN pin. Input voltage
noise is negligible at lower frequencies, but can become the
dominant noise source at high frequencies due to IIN pin stray
capacitance. Minimizing the stray capacitance at the IIN pin is
critical to maintaining low noise levels at high frequencies. The
pins surrounding the IIN pin (Pins 1 and 3) have no internal
connection and should be left unconnected in an application.
This minimizes IIN pin package capacitance. It is best to have no
ground plane or metal runs near Pins 1, 2, and 3 and to mini-
mize capacitance at the IIN pin.
The AD8015AR (8-pin SOIC) IIN pin total stray capacitance is
0.4 pF without the photodiode. Photodiodes used for SONET
or FDDI systems typically add 0.3 pF, resulting in roughly
0.7 pF total stray capacitance.
PIN CONFIGURATION
10k
5
6
7
8
4
3
2
1
AD8015
50
+1
NC
IIN
NC
VBYP
–VS
–OUTPUT
+OUTPUT
+VS
G = 3
G = 30
NC = NO CONNECT
50
+1
– +
+VS
1.7V
METALIZATION PHOTOGRAPH
Dimensions shown in microns. Not to scale.
FIBER OPTIC RECEIVER APPLICATIONS
In a fiber optic receiver, the photodiode can be placed from the
IIN pin to either the positive or negative supply. The AD8015
converts the current from the photodiode to a differential volt-
age in these applications. The voltage at the VBYP pin is ≈1.8 V
below the positive supply. This node must be bypassed with a
capacitor (C1 in Figures 3 and 4 below) to the signal ground. If
large levels of power supply noise exist, then connecting C1 to
+VS is recommended for improved noise immunity. For opti-
mum performance, choose C1 such that C1 > 1/(2
π × 1000 ×
fMIN); where fMIN is the minimum useful
frequency in Hz.
PHOTODIODE REFERRED TO POSITIVE SUPPLY
Figure 3 shows the AD8015 used in a circuit where the photo-
diode is referred to the positive supply. The back bias voltage on
the photodiode is
≈1.8 V. This method of referring the photo-
diode provides greater power supply noise immunity (PSRR)
than referring the photodiode to the negative supply. The signal
path is referred to the positive rail, and the photodiode capaci-
tance is not modulated by high frequency noise that may exist
on the negative rail.
OPTIONAL
+VS CONNECTION
+OUTPUT
–OUTPUT
IIN
VBYP
973µ
998µ
+VS
838µ
–VS
813µ
NOTE:
FOR BEST PERFORMANCE ATTACH PACKAGE
SUBSTRATE TO +VS.
MATERIAL AT BACK OF DIE IS SILICON. USE OF
+VS OR –VS FOR DIE ATTACH IS ACCEPTABLE.


Số phần tương tự - AD8015_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8015ACHIPS AD-AD8015ACHIPS Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015AR AD-AD8015AR Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results

Mô tả tương tự - AD8015_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
[Old version datasheet]   LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
[Old version datasheet]   LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
APRIL 2023
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com