công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8003 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD8003
Giải thích chi tiết về linh kiện  Triple, 1.5 GHz Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8003 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD8003_15 Datasheet HTML 1Page - Analog Devices AD8003_15 Datasheet HTML 2Page - Analog Devices AD8003_15 Datasheet HTML 3Page - Analog Devices AD8003_15 Datasheet HTML 4Page - Analog Devices AD8003_15 Datasheet HTML 5Page - Analog Devices AD8003_15 Datasheet HTML 6Page - Analog Devices AD8003_15 Datasheet HTML 7Page - Analog Devices AD8003_15 Datasheet HTML 8Page - Analog Devices AD8003_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Triple, 1.5 GHz Op Amp
Data Sheet
AD8003
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
1650 MHz (G = +1)
730 MHz (G = +2, VO = 2 V p-p)
4300 V/µs (G = +2, 4 V step)
Settling time 12 ns to 0.1%, 2 V step
Excellent for QXGA resolution video
Gain flatness 0.1 dB to 190 MHz
0.05% differential gain error, RL = 150 Ω
0.01° differential phase error, RL = 150 Ω
Low voltage offset: 0.7 mV (typical)
Low input bias current: 7 µA (typical)
Low noise: 1.8 nV/√Hz
Low distortion over wide bandwidth: SFDR −73 dBc @ 20 MHz
High output drive: 100 mA output load drive
Supply operation: +5 V to ±5 V voltage supply
Supply current: 9.5 mA/amplifier
APPLICATIONS
High resolution video graphics
Professional video
Consumer video
High speed instrumentation
Muxing
CONNECTION DIAGRAM
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
24
23
22
21
20
19
+VS3
FEEDBACK 3
–IN 3
+IN 3
POWER DOWN 3
–VS3
+VS1
FEEDBACK 1
–IN 1
+IN 1
POWER DOWN 1
–VS1
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD (LFCSP ONLY): THE EXPOSED PAD CAN BE CONNECTED TO GND
OR POWER PLANES, OR IT CAN BE LEFT FLOATING.
Figure 1. 24-Lead, 4 mm × 4 mm LFCSP_WQ (CP-24)
GENERAL DESCRIPTION
The AD8003 is a triple ultrahigh speed current feedback amplifier.
Using ADI’s proprietary eXtra Fast Complementary Bipolar
(XFCB) process, the AD8003 achieves a bandwidth of 1.5 GHz
and a slew rate of 4300 V/µs. Additionally, the amplifier provides
excellent dc precision with an input bias current of 50 µA
maximum and a dc input voltage of 0.7 mV.
The AD8003 has excellent video specifications with a frequency
response that remains flat out to 190 MHz and 0.1% settling within
12 ns to ensure that even the most demanding video systems
maintain excellent fidelity. For applications that use NTSC video,
as well as high speed video, the amplifier provides a differential
gain of 0.05% and a differential gain of 0.01°.
The AD8003 has very low spurious-free dynamic range (SFDR)
(−73 dBc @ 20 MHz) and noise (1.8 nV/√Hz). With a supply
range between 5 V and 11 V and ability to source 100 mA of
output current, the AD8003 is ideal for a variety of applications.
The AD8003 operates on only 9.5 mA of supply current per
amplifier. The independent power-down function of the AD8003
reduces the quiescent current even further to 1.6 mA.
The AD8003 amplifier is available in a compact 4 mm × 4 mm,
24-lead LFCSP_WQ. The AD8003 is rated to work over the
industrial temperature range of −40°C to +85°C.
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
10
VS = ±5V
G = +1, RF = 432Ω
G = +2, +5, RF = 464Ω
RL = 150Ω
VOUT = 2V p-p
G = +1
G = +2
G = +5
Figure 2. Large Signal Frequency Response for Various Gains


Số phần tương tự - AD8003_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
More results

Mô tả tương tự - AD8003_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003 AD-AD8003 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8000 AD-AD8000 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
   Low Cost, Triple Op Amp
REV. A
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
logo
Micrel Semiconductor
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
   Triple 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com