công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7998 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7998
Giải thích chi tiết về linh kiện  8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7998 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7998_15 Datasheet HTML 1Page - Analog Devices AD7998_15 Datasheet HTML 2Page - Analog Devices AD7998_15 Datasheet HTML 3Page - Analog Devices AD7998_15 Datasheet HTML 4Page - Analog Devices AD7998_15 Datasheet HTML 5Page - Analog Devices AD7998_15 Datasheet HTML 6Page - Analog Devices AD7998_15 Datasheet HTML 7Page - Analog Devices AD7998_15 Datasheet HTML 8Page - Analog Devices AD7998_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 4 of 32
Parameter
B Version
Unit
Test Conditions/Comments
LOGIC INPUTS (CONVST)
Input High Voltage, VINH
2.4
V min
VDD = 5 V
2.0
V min
VDD = 3 V
Input Low Voltage, VINL
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
Input Leakage Current, IIN
±1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN3
10
pF max
LOGIC OUTPUTS (OPEN-DRAIN)
Output Low Voltage, VOL
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
Floating-State Leakage Current
± 1
µA max
Floating-State Output Capacitance3
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
See the Modes of Operation section
Conversion Time
2
µs typ
Throughput Rate
Mode 1 (Reading after the Conversion)
5
kSPS typ
fSCL = 100 kHz
21
kSPS typ
fSCL = 400 kHz
121
kSPS typ
fSCL = 3.4 MHz
Mode 2
5.5
kSPS typ
fSCL = 100 kHz
22
kSPS typ
fSCL = 400 kHz
147
kSPS typ
fSCL = 3.4 MHz, 188 kSPS typ @ 5 V
POWER REQUIREMENTS
VDD
2.7/5.5
V min/max
IDD
Digital inputs = 0 V or VDD
Power-Down Mode, Interface Inactive
1/2
µA max
VDD = 3.3 V/5.5 V
Power-Down Mode, Interface Active
0.07/0.3
mA max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.3/0.6
mA max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Operating, Interface Inactive
0.06/0.1
mA max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.3/0.6
mA max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Operating, Interface Active
0.15/0.4
mA max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.6/1.1
mA max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL Mode 1
0.7/1.4
mA typ
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL Mode 2
Mode 3 (I2C Inactive, TCONVERT x 32)
0.7/1.5
mA max
VDD = 3.3 V/5.5 V
Power Dissipation
Fully Operational
Operating, Interface Active
0.495/2.2
mW max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
1.98/6.05
mW max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL Mode 1
2.31/7.7
mW typ
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL Mode 2
Power Down, Interface Inactive
3.3/11
µW max
VDD = 3.3 V/5.5 V
1 Max/min ac dynamic performance, INL and DNL specifications are typical specifications when operating in Mode 2 with I2C Hs-Mode SCL frequencies. Specifications
outlined for Mode 2 apply to Mode 3 also. Sample delay and bit trial delay enabled.
2 See the Terminology section.
3 Guaranteed by initial characterization.


Số phần tương tự - AD7998_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7998BRU-0 AD-AD7998BRU-0 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-0REEL AD-AD7998BRU-0REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-1 AD-AD7998BRU-1 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-1REEL AD-AD7998BRU-1REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRUZ-03 AD-AD7998BRUZ-03 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
More results

Mô tả tương tự - AD7998_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com