công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34161 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC34161
Giải thích chi tiết về linh kiện  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34161 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC34161 Datasheet HTML 1Page - ON Semiconductor MC34161 Datasheet HTML 2Page - ON Semiconductor MC34161 Datasheet HTML 3Page - ON Semiconductor MC34161 Datasheet HTML 4Page - ON Semiconductor MC34161 Datasheet HTML 5Page - ON Semiconductor MC34161 Datasheet HTML 6Page - ON Semiconductor MC34161 Datasheet HTML 7Page - ON Semiconductor MC34161 Datasheet HTML 8Page - ON Semiconductor MC34161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2008
December, 2008 − Rev. 11
1
Publication Order Number:
MC34161/D
MC34161, MC33161,
NCV33161
Universal Voltage Monitors
The MC34161/MC33161 are universal voltage monitors intended
for use in a wide variety of voltage sensing applications. These devices
offer the circuit designer an economical solution for positive and
negative voltage detection. The circuit consists of two comparator
channels each with hysteresis, a unique Mode Select Input for channel
programming, a pinned out 2.54 V reference, and two open collector
outputs capable of sinking in excess of 10 mA. Each comparator
channel can be configured as either inverting or noninverting by the
Mode Select Input. This allows over, under, and window detection of
positive and negative voltages. The minimum supply voltage needed
for these devices to be fully functional is 2.0 V for positive voltage
sensing and 4.0 V for negative voltage sensing.
Applications include direct monitoring of positive and negative
voltages used in appliance, automotive, consumer, and industrial
equipment.
Features
Unique Mode Select Input Allows Channel Programming
Over, Under, and Window Voltage Detection
Positive and Negative Voltage Detection
Fully Functional at 2.0 V for Positive Voltage Sensing and 4.0 V
for Negative Voltage Sensing
Pinned Out 2.54 V Reference with Current Limit Protection
Low Standby Current
Open Collector Outputs for Enhanced Device Flexibility
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
Figure 1. Simplified Block Diagram
(Positive Voltage Window Detector Application)
VCC
6
1
7
VS
2
3
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
-
8
5
2.54V
Reference
-
+
-
+
+
-
4
This device contains
141 transistors.
PDIP−8
P SUFFIX
CASE 626
1
SOIC−8
D SUFFIX
CASE 751
1
MARKING
DIAGRAMS
x
= 3 or 4
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
PIN CONNECTIONS
Vref
Input 1
Input 2
GND
VCC
Mode Select
Output 1
Output 2
1
2
3
4
8
7
6
5
(TOP VIEW)
1
8
MC3x161P
AWL
YYWWG
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
Micro8t
DM SUFFIX
CASE 846A
1
8
1
x161
AYW G
G
http://onsemi.com
(Note: Microdot may be in either location)
3x161
ALYW
G
1
8


Số phần tương tự - MC34161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC34161 ONSEMI-MC34161 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC34161 ONSEMI-MC34161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
More results

Mô tả tương tự - MC34161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com