công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34161 bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC34161
Giải thích chi tiết về linh kiện  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34161 bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button MC34161 Datasheet HTML 4Page - ON Semiconductor MC34161 Datasheet HTML 5Page - ON Semiconductor MC34161 Datasheet HTML 6Page - ON Semiconductor MC34161 Datasheet HTML 7Page - ON Semiconductor MC34161 Datasheet HTML 8Page - ON Semiconductor MC34161 Datasheet HTML 9Page - ON Semiconductor MC34161 Datasheet HTML 10Page - ON Semiconductor MC34161 Datasheet HTML 11Page - ON Semiconductor MC34161 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
8
The above figure shows the MC34161 configured as a dual positive overvoltage detector. As the input voltage increases from ground, the LED will turn ‘ON’ when
VS1 or VS2 exceeds V2. With the dashed line output connection, the circuit becomes a dual positive undervoltage detector. As the input voltage decreases from
the peak towards ground, the LED will turn ‘ON’ when VS1 or VS2 falls below V1.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
V1 + (Vth * VH)
R2
R1
) 1
V2 + Vth
R2
R1
) 1
R2
R1
+
V1
Vth * VH
* 1
R2
R1
+
V2
Vth
* 1
Figure 16. Dual Positive Overvoltage Detector
8
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
-
2.54V
Reference
-
+
-
+
+
-
4
1
7
2
3
5
6
VS2
R1
R2
R2
R1
VCC
Input VS
Output
Voltage
Pins 5, 6
V2
V1
GND
VCC
LED `ON'
VHys
GND
VS1
The above figure shows the MC34161 configured as a dual positive undervoltage detector. As the input voltage decreases towards ground, the LED will turn ‘ON’
when VS1 or VS2 falls below V1. With the dashed line output connection, the circuit becomes a dual positive overvoltage detector. As the input voltage increases
from ground, the LED will turn ‘ON’ when VS1 or VS2 exceeds V2.
V1 + (Vth * VH)
R2
R1
) 1
V2 + Vth
R2
R1
) 1
R2
R1
+
V1
Vth * VH
* 1
R2
R1
+
V2
Vth
* 1
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 17. Dual Positive Undervoltage Detector
VS1
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
-
8
-
+
-
+
+
-
4
1
7
2
3
5
6
VS2
2.54V
Reference
VCC
R1
R2
R2
R1
VHys
Input VS
Output
Voltage
Pins 5, 6
V2
V1
GND
VCC
LED `ON'
GND


Số phần tương tự - MC34161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC34161 ONSEMI-MC34161 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC34161 ONSEMI-MC34161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
More results

Mô tả tương tự - MC34161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com