công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74FCT521CTQG bảng dữ liệu(PDF) 5 Page - Integrated Device Technology

tên linh kiện 74FCT521CTQG
Giải thích chi tiết về linh kiện  FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT521CTQG bảng dữ liệu(HTML) 5 Page - Integrated Device Technology

  74FCT521CTQG Datasheet HTML 1Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 2Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 3Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 4Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 5Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 6Page - Integrated Device Technology 74FCT521CTQG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT273T/AT/CT
FASTCMOSOCTALDFLIP-FLOPWITHMASTERRESET
5
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
74FCT273AT
74FCT273CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
2
7.2
2
5.8
ns
tPHL
CP to Ox
RL = 500
tPLH
PropagationDelay
2
7.2
2
6.1
ns
tPHL
MR to Ox
tSU
Set-up Time HIGH or LOW
2
2
ns
Dx to CP
tH
Hold Time HIGH or LOW
1.5
1.5
ns
Dx to CP
tW
CP Pulse Width HIGH or LOW
6
6
ns
tW
MR Pulse Width LOW
6
6
ns
tREM
Recovery Time MR to CP
2
2
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
54FCT273T
54FCT273AT
54FCT273CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
2
15
2
8.3
2
6.5
ns
tPHL
CP to Ox
RL = 500
tPLH
PropagationDelay
2
15
2
8.3
2
6.8
ns
tPHL
MR to Ox
tSU
Set-up Time HIGH or LOW
3.5
2
2
ns
Dx to CP
tH
Hold Time HIGH or LOW
2
1.5
1.5
ns
Dx to CP
tW
CP Pulse Width HIGH or LOW
7
6
6
ns
tW
MR Pulse Width LOW
7
6
6
ns
tREM
Recovery Time MR to CP
5
2.5
2.5
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY


Số phần tương tự - 74FCT521CTQG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
74FCT521CTQG IDT-74FCT521CTQG Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Renesas Technology Corp
74FCT521CTQG RENESAS-74FCT521CTQG Datasheet
163Kb / 7P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
Feb.11.20
logo
Integrated Device Techn...
74FCT521CTQG8 IDT-74FCT521CTQG8 Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Renesas Technology Corp
74FCT521CTQG8 RENESAS-74FCT521CTQG8 Datasheet
163Kb / 7P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
Feb.11.20
More results

Mô tả tương tự - 74FCT521CTQG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273 IDT-IDT74FCT273 Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com