công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4527BMS bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện CD4527BMS
Giải thích chi tiết về linh kiện  CMOS BCD Rate Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4527BMS bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button CD4527BMS Datasheet HTML 3Page - Intersil Corporation CD4527BMS Datasheet HTML 4Page - Intersil Corporation CD4527BMS Datasheet HTML 5Page - Intersil Corporation CD4527BMS Datasheet HTML 6Page - Intersil Corporation CD4527BMS Datasheet HTML 7Page - Intersil Corporation CD4527BMS Datasheet HTML 8Page - Intersil Corporation CD4527BMS Datasheet HTML 9Page - Intersil Corporation CD4527BMS Datasheet HTML 10Page - Intersil Corporation CD4527BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
7-1223
CD4527BMS
TRUTH TABLE
INPUTS
OUTPUTS
NUMBER OF PULSES OR INPUT LOGIC LEVEL
(0 = Low; 1 = High; X = Don’t Care)
NUMBER OF PULSES OR OUTPUT LOGIC LEVEL
(L = Low; H = High)
DCBA
CLK
INH IN
STR
CAS
CLR *
SET *
OUT
OUT
INH OUT
“9” OUT
0
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
10
10
10
10
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
L
1
2
3
H
1
2
3
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
1
0
1
10
10
10
10
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
4
5
6
7
4
5
6
7
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
1
1
0
1
0
1
10
10
10
10
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
8
9
8
9
8
9
8
9
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
1
1
0
1
0
1
10
10
10
10
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
8
9
8
9
8
9
8
9
1
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
10
10
10
1
0
0
0
1
0
0
0
1
0
0
0
0
0
0
**
L
H
**
H
***
H
1
1
**
1
1
1
0
X
X
X
X
X
X
X
X
X
X
10
10
10
0
0
0
0
0
0
0
0
0
1
1
0
0
0
1
10
L
L
10
H
H
H
H
L
L
L
H
* Clear and Set Inputs should not be high at the same time; device draws increased quiescent current when in this non-valid state.
** Depends on internal state of counter.
*** Output same as the first 16 lines of this truth table (depending on values of A, B, C, D).
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)


Số phần tương tự - CD4527BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4527B TI-CD4527B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS BCD RATE MULTIPLIER
CD4527B TI-CD4527B Datasheet
1,021Kb / 14P
[Old version datasheet]   CMOS BCD Rate Multiplier
CD4527B TI1-CD4527B Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
CD4527BE TI1-CD4527BE Datasheet
1,009Kb / 14P
[Old version datasheet]   CMOS BCD Rata Multiplier
CD4527BE TI1-CD4527BE Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
More results

Mô tả tương tự - CD4527BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4527B TI-CD4527B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS BCD RATE MULTIPLIER
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
[Old version datasheet]   CMOS BCD Rate Multiplier
CD4527B TI1-CD4527B_V01 Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
logo
Motorola, Inc
MC14527B MOTOROLA-MC14527B Datasheet
249Kb / 8P
   BCD Rate Multiplier
logo
NXP Semiconductors
HEF4527B PHILIPS-HEF4527B Datasheet
95Kb / 10P
   BCD rate multiplier
January 1995
logo
Texas Instruments
CD4527BE TI1-CD4527BE Datasheet
1,009Kb / 14P
[Old version datasheet]   CMOS BCD Rata Multiplier
CD4089B TI-CD4089B Datasheet
259Kb / 6P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
[Old version datasheet]   CMOS Binary Rate Multiplier
CD4089B TI-CD4089B_15 Datasheet
866Kb / 15P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
logo
Intersil Corporation
CD4089BMS INTERSIL-CD4089BMS Datasheet
92Kb / 10P
   CMOS Binary Rate Multiplier
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com