công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4515BMS bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện CD4515BMS
Giải thích chi tiết về linh kiện  CMOS 4-Bit Latch/4-to-16 Line Decoders
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4515BMS bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  CD4515BMS Datasheet HTML 1Page - Intersil Corporation CD4515BMS Datasheet HTML 2Page - Intersil Corporation CD4515BMS Datasheet HTML 3Page - Intersil Corporation CD4515BMS Datasheet HTML 4Page - Intersil Corporation CD4515BMS Datasheet HTML 5Page - Intersil Corporation CD4515BMS Datasheet HTML 6Page - Intersil Corporation CD4515BMS Datasheet HTML 7Page - Intersil Corporation CD4515BMS Datasheet HTML 8Page - Intersil Corporation CD4515BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7-1191
Specifications CD4514BMS, CD4515BMS
Propagation Delay
Strobe or Datat
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
370
ns
VDD = 15V
1, 2, 3
+25oC
-
270
ns
Propagation Delay
Inhibit
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
220
ns
VDD = 15V
1, 2, 3
+25oC
-
170
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Minimum Data Setup
Time
TS
VDD = 5V
1, 2, 3
+25oC
-
150
ns
VDD = 10V
1, 2, 3
+25oC
-
70
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Minimum Strobe Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
250
ns
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
75
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-2
IDD
± 1.0µA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Số phần tương tự - CD4515BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4515BM TI-CD4515BM Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
CD4515BM NSC-CD4515BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Texas Instruments
CD4515BM TI1-CD4515BM Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4515BM TI-CD4515BM Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4515BM TI1-CD4515BM Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
More results

Mô tả tương tự - CD4515BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
List of Unclassifed Man...
SCL4515B ETC1-SCL4515B Datasheet
2Mb / 3P
   CMOS 4-TO-16 LINE DECODERS WITH LATCH
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com