công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4094 bảng dữ liệu(PDF) 7 Page - Intersil Corporation |
|
CD4094 bảng dữ liệu(HTML) 7 Page - Intersil Corporation |
7 / 11 page 7-1089 CD4094BMS FIGURE 1. LOGIC DIAGRAM TRUTH TABLE CL ∆ OUTPUT ENABLE STROBE DATA PARALLEL OUTPUTS SERIAL OUTPUTS Q1 QN QS* Q’S 0X X OC OC Q7 NC 0X X OC OC NC Q7 1 0 X NC NCQ7NC 1100 QN-1 Q7 NC 1111 QN-1 Q7 NC 1 1 1 NC NC NC Q7 ∆ = Level Change Logic 1 = High X = Don’t Care Logic 0 = Low NC = No Change OC = Open Circuit * At the positive clock edge information in the 7th shift register stage is transferred to the 8th register stage and the QS output DQ Q 8 CL CL TR TR LATCH 8 3 - STATE 8 TR TR LATCH 2 3 - STATE 2 DQ 1 CL CL TR TR TR TR p n pn TR TR CL CL 5 2 3 1 15 DQ 2 CL CL CL CL p n CL CL p n 11 STAGES 3 - 7 6 7 14 13 12 4 SERIAL OUT Q’S 10 SERIAL OUT QS 9 VDD VSS * ALL INPUTS PROTECTED BY CMOS PROTECTION NETWORK * * * * SERIAL IN CLOCK STROBE OUTPUT ENABLE LATCH 1 3-STATE 1 VDD VSS pn Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 * |
Số phần tương tự - CD4094 |
|
Mô tả tương tự - CD4094 |