công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4089BMS bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện CD4089BMS
Giải thích chi tiết về linh kiện  CMOS Binary Rate Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4089BMS bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button CD4089BMS Datasheet HTML 2Page - Intersil Corporation CD4089BMS Datasheet HTML 3Page - Intersil Corporation CD4089BMS Datasheet HTML 4Page - Intersil Corporation CD4089BMS Datasheet HTML 5Page - Intersil Corporation CD4089BMS Datasheet HTML 6Page - Intersil Corporation CD4089BMS Datasheet HTML 7Page - Intersil Corporation CD4089BMS Datasheet HTML 8Page - Intersil Corporation CD4089BMS Datasheet HTML 9Page - Intersil Corporation CD4089BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7-1071
CD4089BMS
TRUTH TABLE
INPUTS
OUTPUTS
NUMBER OF PULSES OR INPUT LOGIC LEVEL
(0 = Low; 1 = High; X = Don’t Care)
NUMBER OF PULSES OR OUTPUT LOGIC LEVEL
(L = Low; H = High)
DCBA
CLK
INH IN
STR
CAS
CLR
SET
OUT
OUT
INH OUT
“15” OUT
0
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
16
16
16
16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
L
1
2
3
H
1
2
3
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
1
0
1
16
16
16
16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
4
5
6
7
4
5
6
7
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
1
1
0
1
0
1
16
16
16
16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
8
9
10
11
8
9
10
11
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
1
1
0
1
0
1
16
16
16
16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
12
13
14
15
12
13
14
15
1
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
16
16
16
1
0
0
0
1
0
0
0
1
0
0
0
0
0
0
**
L
H
**
H
*
H
1
1
**
1
1
1
0
X
X
X
X
X
X
X
X
X
X
16
16
16
0
0
0
0
0
0
0
0
0
1
1
X
0
0
1
16
L
L
16
H
H
H
H
L
L
L
H
* Output same as the first 16 lines of this truth table (depending on values A, B, C, D)
** Depends on internal state of counter
FIGURE 2. TWO CD4089BMS’s CASCADED IN THE “ADD”
MODE WITH A PRESET NUMBER
FIGURE 3. TWO CD4089BMS’s CASCADED IN THE “MULTI-
PLY” MODE WITH A PRESET NUMBER
A
B
C
D
CLOCK
CASC
INH IN
ST
CLEAR
S
“15”
INH OUT
OUT
OUT
DRM
1
1
1
0
1
CLOCK
A
B
C
D
CLOCK
CASC
INH IN
ST
CLEAR
S
“15”
INH OUT
OUT
OUT
DRM
2
1
0
1
1
MOST SIGNIFICANT
DIGIT
LEAST SIGNIFICANT
DIGIT
OF 189
11
16
+=
13
256
189
256
A
B
C
D
CLOCK
CASC
INH IN
ST
CLEAR
S
“15”
INH OUT
OUT
OUT
DRM
1
1
1
0
1
CLOCK
A
B
C
D
CLOCK
CASC
INH IN
ST
CLEAR
S
“15”
INH OUT
OUT
OUT
DRM
2
1
0
1
1
MOST SIGNIFICANT
DIGIT
LEAST SIGNIFICANT
DIGIT
OF 143
11
16
+=
13
16
143
256


Số phần tương tự - CD4089BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
CD4089B TI-CD4089B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4089B-MIL TI-CD4089B-MIL Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
[Old version datasheet]   CMOS Binary Rate Multiplier
CD4089BE TI-CD4089BE Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
More results

Mô tả tương tự - CD4089BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
[Old version datasheet]   CMOS Binary Rate Multiplier
CD4089B TI-CD4089B_15 Datasheet
866Kb / 15P
[Old version datasheet]   CMOS BINARY RATE MULTIPLIER
logo
STMicroelectronics
HCC4089B STMICROELECTRONICS-HCC4089B Datasheet
234Kb / 13P
   BINARY RATE MULTIPLIER
HCF4089B STMICROELECTRONICS-HCF4089B_02 Datasheet
573Kb / 11P
   BINARY RATE MULTIPLIER
logo
Texas Instruments
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4527B TI-CD4527B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS BCD RATE MULTIPLIER
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
[Old version datasheet]   CMOS BCD Rate Multiplier
logo
Intersil Corporation
CD4527BMS INTERSIL-CD4527BMS Datasheet
101Kb / 11P
   CMOS BCD Rate Multiplier
December 1992
logo
Texas Instruments
CD4527B TI1-CD4527B_V01 Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com