công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4049UBDTR bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện CD4049UBDTR
Giải thích chi tiết về linh kiện  CMOS Hex Buffer/Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBDTR bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  CD4049UBDTR Datasheet HTML 1Page - Intersil Corporation CD4049UBDTR Datasheet HTML 2Page - Intersil Corporation CD4049UBDTR Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Satellite Applications Flow™ (SAF) is a trademark of Intersil Corporation.
CD4049UBT
CMOS Hex Buffer/Converter
Intersil’s Satellite Applications FlowTM (SAF) devices are fully
tested and guaranteed to 100kRAD total dose. These QML
Class T devices are processed to a standard flow intended
to meet the cost and shorter lead-time needs of large
volume satellite manufacturers, while maintaining a high
level of reliability.
The CD4049UBT is an Inverting Hex Buffer and features
logic level conversion using only one supply (voltage (VCC).
The input signal high level (VIH) can exceed the VCC supply
voltage when this device is used for logic level conversions.
This device is intended for use as CMOS to DTL/TTL
converters and can drive directly two DTL/TTL loads. (VCC =
5V, VOL ≤ 0.4V, and IOL ≥ 3.3mA.
The CD4049UBT is the designated replacement for the
CD4009UB. Because the CD4049UBT requires only one
power supply, it is preferred over the CD4009UB and
CD4010B and should be used in place of the CD4009UB in
all inverter, current driver, or logic level conversion
applications. In these applications the CD4049UBT is pin
compatible with the CD4009UB, and can be substituted for
this device in existing as well as in new designs. Terminal
No. 16 is not connected internally on the CD4049UBT,
therefore, connection to this terminal is of no consequence
to circuit operation. For applications not requiring high sink
current or voltage conversion, the CD4069UB Hex Inverter is
recommended.
Specifications
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center in Columbus (DSCC). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the CD4049UBT are
contained in SMD 5962-96636. A “hot-link” is provided from
our website for downloading.
www.intersil.com/spacedefense/newsafclasst.asp
Intersil’s Quality Management Plan (QM Plan), listing all
Class T screening operations, is also available on our web-
site.
www.intersil.com/quality/manuals.asp
Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
- Gamma Dose (
γ) 1 x 105 RAD(Si)
- SEP Effective LET >75 MEV-gm/cm2
• Inverting Type
• High Sink Current for Driving 2 TTL Loads
• High-to-Low Level Logic Conversion
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
Pinouts
CD4049BT (SBDIP), CDIP2-T16
TOP VIEW
CD4049BT (FLATPACK), CDFP4-F16
TOP VIEW
Ordering Information
ORDERING
NUMBER
PART
NUMBER
TEMP.
RANGE
(oC)
5962R9663601TEC
CD4049UBDTR
-55 to 125
5962R9663601TXC
CD4049UBKTR
-55 to 125
NOTE:
Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
G = A
A
H = B
B
I = C
VSS
C
NC
F
NC
K = E
E
J = D
D
L = F
VCC
G = A
A
H = B
B
I = C
C
VSS
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
NC
L = F
F
NC
K = E
E
J = D
D
Data Sheet
July 1999
File Number
4622.1


Số phần tương tự - CD4049UBDTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4049UBDT TI-CD4049UBDT Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4049UBDT TI1-CD4049UBDT Datasheet
1Mb / 38P
[Old version datasheet]   CMOS to DTL/TTL Hex Converter
CD4049UBDT TI1-CD4049UBDT Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4049UBDT TI-CD4049UBDT Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UBDT TI1-CD4049UBDT Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
More results

Mô tả tương tự - CD4049UBDTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
   CMOS Hex Buffer/Converter
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
   CMOS Hex Buffer/Converter
November 1994
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
   CMOS Hex Buffer/Converter
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com