công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7891BP-2 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD7891BP-2
Giải thích chi tiết về linh kiện  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7891BP-2 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD7891BP-2 Datasheet HTML 1Page - Analog Devices AD7891BP-2 Datasheet HTML 2Page - Analog Devices AD7891BP-2 Datasheet HTML 3Page - Analog Devices AD7891BP-2 Datasheet HTML 4Page - Analog Devices AD7891BP-2 Datasheet HTML 5Page - Analog Devices AD7891BP-2 Datasheet HTML 6Page - Analog Devices AD7891BP-2 Datasheet HTML 7Page - Analog Devices AD7891BP-2 Datasheet HTML 8Page - Analog Devices AD7891BP-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
a
AD7891
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
LC2MOS 8-Channel, 12-Bit
High Speed Data Acquisition System
FUNCTIONAL BLOCK DIAGRAM
2.5V
REFERENCE
TRACK/HOLD
VIN1A
VIN1B
VIN2A
VIN2B
VIN3A
VIN3B
VIN4A
VIN4B
VIN5A
VIN5B
VIN6A
VIN6B
VIN7A
VIN7B
VIN8A
VIN8B
CONTROL LOGIC
WR CS RD EOC CONVST MODE
AGND AGND DGND
CLOCK
VDD VDD
AD7891
12-BIT
ADC
ADDRESS
DECODE
REF OUT/
REF IN
REF GND
STANDBY
M
U
X
DATA/
CONTROL
LINES
FEATURES
Fast 12-Bit ADC with 1.6
s Conversion Time
8 Single-Ended Analog Input Channels
Overvoltage Protection on Each Channel
Selection of Input Ranges:
5 V,
10 V for AD7891-1
0 to +2.5 V, 0 to +5 V,
2.5 V for AD7891-2
Parallel and Serial Interface
On-Chip Track/Hold Amplifier
On-Chip Reference
Single-Supply, Low Power Operation (100 mW Max)
Power-Down Mode (75
W Typ)
APPLICATIONS
Data Acquisition Systems
Motor Control
Mobile Communication Base Stations
Instrumentation
GENERAL DESCRIPTION
The AD7891 is an 8-channel, 12-bit data acquisition system
with a choice of either parallel or serial interface structure. The
part contains an input multiplexer, an on-chip track/hold ampli-
fier, a high speed 12-bit ADC, a 2.5 V reference, and a high
speed interface. The part operates from a single 5 V supply and
accepts a variety of analog input ranges across two models, the
AD7891-1 (
±5V and ±10 V) and the AD7891-2 (0 V to +2.5 V,
0V to +5 V, and
±2.5 V).
The AD7891 provides the option of either a parallel or serial
interface structure determined by the MODE pin. The part
has standard control inputs and fast data access times for both
the serial and parallel interfaces, ensuring easy interfacing to
modern microprocessors, microcontrollers, and digital signal
processors.
In addition to the traditional dc accuracy specifications, such as
linearity, full-scale and offset errors, the part is also specified for
dynamic performance parameters, including harmonic distortion
and signal-to-noise ratio.
Power dissipation in normal mode is 82 mW typical; in
the standby mode, this is reduced to 75
mW typ. The part is
available in a 44-terminal MQFP and a 44-lead PLCC.
PRODUCT HIGHLIGHTS
1. The AD7891 is a complete monolithic 12-bit data acquisition
system that combines an 8-channel multiplexer, 12-bit ADC,
2.5 V reference, and track/hold amplifier on a single chip.
2. The AD7891-2 features a conversion time of 1.6
ms and an
acquisition time of 0.4
ms. This allows a sample rate of
500 kSPS when sampling one channel and 62.5 kSPS when
channel hopping. These sample rates can be achieved using
either a software or hardware convert start. The AD7891-1
has an acquisition time of 0.6
ms when using a hardware
convert start and an acquisition time of 0.7
ms when using a
software convert start. These acquisition times allow sample
rates of 454.5 kSPS and 435 kSPS, respectively, for hardware
and software convert start.
3. Each channel on the AD7891 has overvoltage protection. This
means an overvoltage on an unselected channel does not affect
the conversion on a selected channel. The AD7891-1 can
withstand overvoltages of
±17 V.


Số phần tương tự - AD7891BP-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7891BP-2 AD-AD7891BP-2 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891BP-2 AD-AD7891BP-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2 AD-AD7891BP-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2 AD-AD7891BP-2 Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2 AD-AD7891BP-2 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
More results

Mô tả tương tự - AD7891BP-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com