công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4048BMS bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện CD4048BMS
Giải thích chi tiết về linh kiện  CMOS Multifunction Expandable 8 Input Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4048BMS bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  CD4048BMS Datasheet HTML 1Page - Intersil Corporation CD4048BMS Datasheet HTML 2Page - Intersil Corporation CD4048BMS Datasheet HTML 3Page - Intersil Corporation CD4048BMS Datasheet HTML 4Page - Intersil Corporation CD4048BMS Datasheet HTML 5Page - Intersil Corporation CD4048BMS Datasheet HTML 6Page - Intersil Corporation CD4048BMS Datasheet HTML 7Page - Intersil Corporation CD4048BMS Datasheet HTML 8Page - Intersil Corporation CD4048BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
7-912
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4048BMS
CMOS Multifunction
Expandable 8 Input Gate
Pinout
CD4048BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
J (OUTPUT)
Kd
H
G
F
E
VSS
Kb
VDD
A
B
C
D
Ka
Kc
EXPAND
INPUTS
INPUTS
BINARY CONTROL INPUTS
FUNCTION CONTROL
3 STATE
14
13
12
11
15
6
5
4
3
CONTROL
10
792
Ka
Kb Kc Kd
A
B
C
D
EXPAND
E
F
G
H
I
J OUTPUT
VSS = 8
VDD = 16
INPUTS
INPUTS
Features
• High-Voltage Type (20V Rating)
• Three State Output
• Many Logic Functions Available in One Package
• Standardize, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Selection of Up to 8 Logic Functions
• Digital Control of Logic
• General Purpose Gating Logic
- Decoding
- Encoding
Description
CD4048BMS is an 8-input gate having four control inputs. Three
binary control inputs - Ka, Kb, and Kc - provide the implementa-
tion of eight different logic functions. These functions are OR,
NOR, AND, NAND, OR/AND, OR/NAND, AND/OR and AND/
NOR.
A fourth control input, Kd, provides the user with a 3-state output.
When control input Kd is high, the output is either a logic 1 or a
logic 0 depending on the inner states. When control input Kd is
low, the output is an open circuit. This feature enables the user to
connect this device to a common bus line.
In addition to the eight input lines, an EXPAND input is provided
that permits the user to increase the number of inputs into a
CD4048BMS (see Figure 2). For example, two CD4048BMS’s
can be cascaded to provided a 16-input multifunction gate. When
the EXPAND input is not used, it should be connected to VSS.
The CD4048BMS is supplied in these 16 lead outline packages:
Braze Seal DIP
H4S
Frit Seal DIP
H1E
Ceramic Flatpack
H6W
December 1992
File Number
3314


Số phần tương tự - CD4048BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4048BM TI-CD4048BM Datasheet
554Kb / 12P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM TI1-CD4048BM Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM96 TI-CD4048BM96 Datasheet
554Kb / 12P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM96 TI1-CD4048BM96 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM96G4 TI1-CD4048BM96G4 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
More results

Mô tả tương tự - CD4048BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4048B TI1-CD4048B_15 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048B TI-CD4048B Datasheet
554Kb / 12P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
logo
STMicroelectronics
HCC4048B STMICROELECTRONICS-HCC4048B Datasheet
280Kb / 12P
   MULTIFUNCTION EmULTIFUNCTION EXPANDABLE 8-INPUT GATE
logo
Micro Electronics
MMC4048 MICRO-ELECTRONICS-MMC4048 Datasheet
142Kb / 4P
   MULTIFUNCTION EXPANDALE 8-INPUT GATE
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
[Old version datasheet]   CMOS 8-input NOR/OR Gate
CD4068B TI-CD4068B Datasheet
182Kb / 10P
[Old version datasheet]   CMOS 8-INPUT NAND AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com