công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4047 bảng dữ liệu(PDF) 6 Page - Intersil Corporation |
|
CD4047 bảng dữ liệu(HTML) 6 Page - Intersil Corporation |
6 / 15 page 7-902 Specifications CD4047BMS TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP MIL-STD-883 METHOD GROUP A SUBGROUPS READ AND RECORD Initial Test (Pre Burn-In) 100% 5004 1, 7, 9 IDD, IOL5, IOH5A Interim Test 1 (Post Burn-In) 100% 5004 1, 7, 9 IDD, IOL5, IOH5A Interim Test 2 (Post Burn-In) 100% 5004 1, 7, 9 IDD, IOL5, IOH5A PDA (Note 1) 100% 5004 1, 7, 9, Deltas Interim Test 3 (Post Burn-In) 100% 5004 1, 7, 9 IDD, IOL5, IOH5A PDA (Note 1) 100% 5004 1, 7, 9, Deltas Final Test 100% 5004 2, 3, 8A, 8B, 10, 11 Group A Sample 5005 1, 2, 3, 7, 8A, 8B, 9, 10, 11 Group B Subgroup B-5 Sample 5005 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas Subgroups 1, 2, 3, 9, 10, 11 Subgroup B-6 Sample 5005 1, 7, 9 Group D Sample 5005 1, 2, 3, 8A, 8B, 9 Subgroups 1, 2 3 NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2. TABLE 7. TOTAL DOSE IRRADIATION CONFORMANCE GROUPS MIL-STD-883 METHOD TEST READ AND RECORD PRE-IRRAD POST-IRRAD PRE-IRRAD POST-IRRAD Group E Subgroup 2 5005 1, 7, 9 Table 4 1, 9 Table 4 TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS FUNCTION OPEN GROUND VDD 9V ± -0.5V OSCILLATOR 50kHz 25kHz Static Burn-In 1 Note 1 1, 2, 10, 11, 13 3-9, 12 14 Static Burn-In 2 Note 1 1, 2, 10, 11, 13 7 3-6, 8, 9, 12, 14 Dynamic Burn- In Note 1 - 7, 9, 12 4, 5, 14 1, 2, 10, 11, 13 6, 8 3 Irradiation Note 2 1, 2, 10, 11, 13 7 3-6, 8, 9, 12, 14 NOTE: 1. Each pin except VDD and GND will have a series resistor of 10K ± 5%, VDD = 18V ± 0.5V 2. Each pin except VDD and GND will have a series resistor of 47K ± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V ± 0.5V |
Số phần tương tự - CD4047 |
|
Mô tả tương tự - CD4047 |