công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7834 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD7834
Giải thích chi tiết về linh kiện  LC MOS Quad 14-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7834 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD7834_15 Datasheet HTML 4Page - Analog Devices AD7834_15 Datasheet HTML 5Page - Analog Devices AD7834_15 Datasheet HTML 6Page - Analog Devices AD7834_15 Datasheet HTML 7Page - Analog Devices AD7834_15 Datasheet HTML 8Page - Analog Devices AD7834_15 Datasheet HTML 9Page - Analog Devices AD7834_15 Datasheet HTML 10Page - Analog Devices AD7834_15 Datasheet HTML 11Page - Analog Devices AD7834_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7834/AD7835
Rev. D | Page 8 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
28
27
26
25
24
23
22
21
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VSS
NC
NC
NC
AGND
DSG
VREF(–)
VREF(+)
VOUT1
VDD
NC
NC
VOUT2
VOUT4
DGND
VCC
SCLK
LDAC
CLR
VOUT3
DIN
PA0
PA1
PA2
FSYNC
PA3
PA4
PAEN
AD7834
Figure 6. AD7834 PDIP and SOIC Pin Configuration
Table 7. AD7834 Pin Function Descriptions
Pin No.
Pin Mnemonic
Description
1
VSS
Negative Analog Power Supply: −15 V ± 5% or −12 V ± 5%.
2
DSG
Device Sense Ground Input. Used in conjunction with the CLR input for power-on protection of
the DACs. When CLR is low, the DAC outputs are forced to the potential on the DSG pin.
3
VREF(−)
Negative Reference Input. The negative reference voltage is referred to AGND.
4
VREF(+)
Positive Reference Input. The positive reference voltage is referred to AGND.
5, 24, 25, 26, 27
NC
No Connect.
VOUT1 to VOUT4
22, 6, 21, 7
DAC Outputs.
8
DGND
Digital Ground.
9
VCC
Logic Power Supply: 5 V ± 5%.
10
SCLK
Clock Input. Used for writing data to the device; data is clocked into the input register on the
falling edge of SCLK.
11
DIN
Serial Data Input.
12,13,14,15,16
PA0 to PA4
Package Address Inputs. These inputs are hardwired high (VCC) or low (DGND) to assign dedicated
package addresses in a multipackage environment.
17
PAEN
Package Address Enable Input. When low, this input allows normal operation of the device. When
high, the device ignores the package address, but not the channel address, in the serial data
stream and loads the serial data into the input registers. This feature is useful in a multipackage
application where it can be used to load the same data into the same channel in each package.
18
FSYNC
Frame Sync Input. Active low logic input used, in conjunction with DIN and SCLK, to write data to
the device with serial data expected after the falling edge of this signal. The contents of the 24-bit
serial-to-parallel input register are transferred on the rising edge of this signal.
19
LDAC
Load DAC Input (Level Sensitive). This input signal, in conjunction with the FSYNC input signal,
determines how the analog outputs are updated. If LDAC is maintained high while new data is
being loaded into the device’s input registers, no change occurs on the analog outputs.
Subsequently, when LDAC is brought low, the contents of all four input registers are transferred
into their respective DAC latches, updating all of the analog outputs simultaneously.
20
CLR
Asynchronous Clear Input (Level Sensitive, Active Low). When this input is brought low, all analog
outputs are switched to the externally set potential on the DSG pin. When CLR is brought high, the
signal outputs remain at the DSG potential until LDAC is brought low. When LDAC is brought low,
the analog outputs are switched back to reflect their individual DAC output levels. As long as CLR
remains low, the LDAC signals are ignored, and the signal outputs remain switched to the
potential on the DSG pin.
23
VDD
Positive Analog Power Supply: 15 V ± 5% or 12 V ± 5%.
28
AGND
Analog Ground.


Số phần tương tự - AD7834_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7834AN AD-AD7834AN Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834AR AD-AD7834AR Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834BN AD-AD7834BN Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834BR AD-AD7834BR Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834SQ AD-AD7834SQ Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results

Mô tả tương tự - AD7834_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7836 AD-AD7836_15 Datasheet
176Kb / 12P
   LC MOS Quad 14-Bit DAC
REV. A
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244 AD-AD7244_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7534 AD-AD7534_15 Datasheet
492Kb / 12P
   LC MOS P Compatibe 14 Bit DAC
REV. A
AD7535 AD-AD7535_15 Datasheet
489Kb / 12P
   LC MOS P Compatible 14 Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com