công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD40181 bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện CD40181
Giải thích chi tiết về linh kiện  CMOS 4 Bit Arithmetic Logic Unit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40181 bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  CD40181 Datasheet HTML 1Page - Intersil Corporation CD40181 Datasheet HTML 2Page - Intersil Corporation CD40181 Datasheet HTML 3Page - Intersil Corporation CD40181 Datasheet HTML 4Page - Intersil Corporation CD40181 Datasheet HTML 5Page - Intersil Corporation CD40181 Datasheet HTML 6Page - Intersil Corporation CD40181 Datasheet HTML 7Page - Intersil Corporation CD40181 Datasheet HTML 8Page - Intersil Corporation CD40181 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
7-1404
Specifications CD40181BMS
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Propagation Delay
A or B to F (Logic Mode)
A or B to G or P
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
320
ns
VDD = 15V
1, 2, 3
+25oC
-
240
ns
Propagation Delay
A or B to F, Cn+4 or A = B
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
400
ns
VDD = 15V
1, 2, 3
+25oC
-
280
ns
Propagation Delay
Cn to F
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
270
ns
VDD = 15V
1, 2, 3
+25oC
-
200
ns
Propagation Delay
Cn to Cn+4
TPHL4
TPLH4
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
140
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTND
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTPD
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-2
IDD
± 1.0µA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Số phần tương tự - CD40181

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4018 TI-CD4018 Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018 INTERSIL-CD4018 Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
CD40182 INTERSIL-CD40182 Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
More results

Mô tả tương tự - CD40181

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com