công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC210A bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện LC210A
Giải thích chi tiết về linh kiện  General Purpose DMM Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LC210A bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  LC210A Datasheet HTML 1Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 2Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 3Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 4Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 5Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 6Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
90
Model TL-2A
Deluxe Test Lead Sets
IEC61010 1000V CATIII Rating
Silicone Lead Wire length
60" (1.5m)
Black Alligator Clip included
Threaded tips fits TL-3
Accessory kit items
Model TL-3
Probe Accessory Kit
Threaded accessories to fit
TL-2A probes – Black and Red
pairs (except for alligator clip)
Alligator clip, Red only
Spring hook clips
4" Sharp extension tips to
reach tight test points
No. 10 Spade lugs
Model TL-100A
UL Listed Probes
w/PVC wire
IEC61010 600V CATIII Rating
UL Listed
Highly flexible PVC lead wire,
40" (1.0m)
Black and Red Alligator clips
Model TL-1
Model TL-4
Economical replacement test leads. TL-1
has safety shrouded banana plugs.
TL-4 has un-shrouded banana plugs.
1500V 3A ratings
PVC lead wire, 40" (1.0m)
Black and Red Alligator clips
TL-8
Surface Mount Tweezers
Two conductor leads
400V rms, 1A
TL-2A
TL-3
TL-1
TL-100A
Test Accessory Pairs
(Supplied as Black & Red Pairs)
TL-4
Replacement Test Leads
AD-101
CC-104
TIP-102
TIP-104
TIP-110
TIP-125A
TIP-127
TIP-128A
TIP-129
TIP-130
TL-140
TL-8
AD-101
Banana Plug Adapter Set
42V (1000V) 36A Rating
w/trained user
CC-104
Silicone Lead Set
Highly Flexible Silicone Jacket
4mm Sheathed Straight to
Right-Angle Plugs
60" (1.5m) length
IEC61010 1000V CATIII 12A Rating
TIP-102
Insulated Alligator Clip Set
IEC61010 1000V CATIII 20A Rating
TIP-104
Insulated Space Lug Set
42V (1000V) 36A Rating
w/trained user
TIP-110
Very Fine Tip Probe Set
Extended length w/SS tip
IEC61010 1000V CATIII 20A Rating
TIP-125A
Alligator Style Clip Set
Rigid clip body
IEC61010 1000V CATIII 20A Rating
TIP-127
Flexible Pincer Clip Set
Flexible shaft
IEC61010 1000V CATIII 6A Rating
TIP-128A
Insulation Piercing Clip Set
Wires up to .145" diameter
60VDC/30VAC, 6A Rating
TIP-129
Standard Alligator Clip Set
IEC61010 300V CATI 3A Rating
TIP-130
Probe Body Set
ø2mm Probe Tip
IEC61010 1000V CATIII 36A Rating
TL-140
5-Way Test Clip Set
5-Way Communication Clip
60" (1.5m) Silicone Leads


Số phần tương tự - LC210A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LC21003B ETC1-LC21003B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21005A ETC1-LC21005A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21006B ETC1-LC21006B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21010A ETC1-LC21010A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21011B ETC1-LC21011B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

Mô tả tương tự - LC210A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pomona Electronics
5543B POMONA-5543B Datasheet
132Kb / 2P
   Electronic DMM Test Lead Kit
5673B POMONA-5673B Datasheet
114Kb / 2P
   Electrical DMM Test Lead Kit
6530A POMONA-6530A Datasheet
64Kb / 1P
   Deluxe Automotive DMM Test Lead Kit
5904A POMONA-5904A Datasheet
144Kb / 2P
   Deluxe Electrical DMM Test Lead kit
5674C POMONA-5674C Datasheet
164Kb / 2P
   Deluxe Electronic DMM Test Lead kit
5900A POMONA-5900A Datasheet
134Kb / 2P
   Basic Industrrial DMM Test Lead Kit
5672A POMONA-5672A Datasheet
87Kb / 2P
   Basic Electronic DMM Test Lead Kit
5901B POMONA-5901B Datasheet
119Kb / 2P
   Electronic Bench DMM Test Lead Kit
5903A POMONA-5903A Datasheet
149Kb / 2P
   Industrial / Automotive DMM Test Lead Kit
logo
Extech Instruments Corp...
MA620-K EXTECH-MA620-K Datasheet
568Kb / 1P
   Industrial DMM/Clamp Meter Test Kit
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com