công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4022BMS bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện CD4022BMS
Giải thích chi tiết về linh kiện  CMOS Counter/Dividers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4022BMS bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  CD4022BMS Datasheet HTML 1Page - Intersil Corporation CD4022BMS Datasheet HTML 2Page - Intersil Corporation CD4022BMS Datasheet HTML 3Page - Intersil Corporation CD4022BMS Datasheet HTML 4Page - Intersil Corporation CD4022BMS Datasheet HTML 5Page - Intersil Corporation CD4022BMS Datasheet HTML 6Page - Intersil Corporation CD4022BMS Datasheet HTML 7Page - Intersil Corporation CD4022BMS Datasheet HTML 8Page - Intersil Corporation CD4022BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CD4017BMS, CD4022BMS
CMOS Counter/Dividers
CD4017BMS and CD4022BMS are 5-stage and 4-stage
Johnson counters having 10 and 8 decoded outputs, respec-
tively. Inputs include a CLOCK, a RESET, and a CLOCK INHIBIT
signal. Schmitt trigger action in the CLOCK input circuit provides
pulse shaping that allows unlimited clock input pulse rise and fall
times.
These counters are advanced one count at the positive clock sig-
nal transition if the CLOCK INHIBIT signal is low. Counter
advancement via the clock line is inhibited when the CLOCK
INHIBIT signal is high. A high RESET signal clears the counter to
its zero count. Use of the Johnson counter configuration permits
high speed operation, 2-input decode gating and spike-free
decoded outputs. Anti-lock gating is provided, thus assuring
proper counter sequence. The decoded output are normally low
and go high only at their respective decoded time slot. Each
decoded output remains high for one full clock cycle. A CARRY-
OUT signal completes one cycle every 10 clock input cycles in
the CD4017BMS or every 8 clock input cycles in the
CD4022BMS and is used to ripple-clock the succeeding device
in a multi-device counting chain.
The CD4017BMS and CD4022BMS series types are supplied in
these 16 lead outline packages
Features
• High Voltage Types (20V Rating)
• Fully Static Operation
• Medium-Speed Operation 10MHz (Typ) at VDD = 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
Number 13A, “Standard Specifications for Description
of ‘B’ Series CMOS Devices”
Applications
• Decade Counter/Decimal Decode Display (CD4017BMS)
• Binary Counter/Decoder
• Frequency Division
• Counter Control/Timers
• Divide-by-N Counting
• For Further Application Information, See ICAN-6166
“COS/MOS MSI Counter and Register Design and
Applications”
CD4017BMS - Decade Counter with 10 Decoded Outputs
CD4022BMS - Octal Counter with 8 Decoded Outputs
Braze Seal DIP
*H4W
†H4X
Frit Seal DIP
*H1F
†H1E
Ceramic Flatpack
H6W
*CD4017B Only
† CD4022B Only
Functional Diagrams
CD4017BMS
CD4022BMS
3
2
4
7
10
1
5
6
9
“0”
“1”
“2”
“3”
“4”
“5”
“6”
“7”
CARRY OUT
DECODED
DECIMAL
14
13
15
CLOCK
CLOCK INHIBIT
RESET
VCC = 16
VSS = 8
11
12
“8”
“9”
OUT
2
1
3
7
11
4
5
10
12
“0”
“1”
“2”
“3”
“4”
“5”
“6”
“7”
CARRY OUT
DECODED
OUT
14
13
15
CLOCK
CLOCK INHIBIT
RESET
VCC = 16
VSS = 8
Pinouts
CD4017BMS
TOP VIEW
CD4022BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
5
1
0
2
6
7
VSS
3
VDD
CLOCK
CLOCK INHIBIT
CARRY OUT
9
4
8
RESET
NC = NO
CONNECTION
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1
0
2
5
6
NC
VSS
3
VDD
CLOCK
CLOCK INHIBIT
CARRY OUT
4
7
NC
RESET
NC = NO
CONNECTION
Data Sheet
August 1998
File Number
3297
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Số phần tương tự - CD4022BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
CD4022BMS RENESAS-CD4022BMS Datasheet
623Kb / 10P
   CMOS Counter/Dividers
More results

Mô tả tương tự - CD4022BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
CD4017BMS RENESAS-CD4017BMS Datasheet
623Kb / 10P
   CMOS Counter/Dividers
logo
Texas Instruments
CD4017B TI-CD4017B Datasheet
590Kb / 14P
[Old version datasheet]   CMOS COUNTER/DIVIDERS
CD4017B TI1-CD4017B_15 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Counter/Dividers
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Intersil Corporation
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
   CMOS Ripple-Carry Binary Counter/Dividers
October 1996
logo
Texas Instruments
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
   RIPPLE CARRY BINARY COUNTER / DIVIDERS
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
   14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com