công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4015 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện CD4015
Giải thích chi tiết về linh kiện  CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4015 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  CD4015 Datasheet HTML 1Page - Intersil Corporation CD4015 Datasheet HTML 2Page - Intersil Corporation CD4015 Datasheet HTML 3Page - Intersil Corporation CD4015 Datasheet HTML 4Page - Intersil Corporation CD4015 Datasheet HTML 5Page - Intersil Corporation CD4015 Datasheet HTML 6Page - Intersil Corporation CD4015 Datasheet HTML 7Page - Intersil Corporation CD4015 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7-92
Specifications CD4015BMS
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Propagation Delay
Clock To Q
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
160
ns
VDD = 15V
1, 2, 3
+25oC
-
120
ns
Propagation Delay
Reset To Q
TPHL2
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
6
-
MHz
VDD = 15V
1, 2, 3
+25oC
8.5
-
MHz
Minimum Data Setup
Time
TS
VDD = 5V
1, 2, 3
+25oC
-
70
ns
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
30
ns
Clock Rise and Fall Time
TRCL
TFCL
VDD = 5V
1, 2, 3
+25oC-
15
µs
VDD = 10V
1, 2, 3
+25oC-
15
µs
VDD = 15V
1, 2, 3
+25oC-
15
µs
Minimum Clock Pulse
Width
TWCL
VDD = 5V
1, 2, 3
+25oC
-
180
ns
VDD = 10V
1, 2, 3
+25oC
-
80
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Minimum Reset Pulse
Width
TWR
VDD = 5V
2, 3
+25oC
-
200
ns
VDD = 10V
2, 3
+25oC
-
80
ns
VDD = 15V
2, 3
+25oC
-
60
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VNTH
VDD = 10V, ISS= -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VPTH
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VPTH
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Số phần tương tự - CD4015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
CD4015 FAIRCHILD-CD4015 Datasheet
56Kb / 6P
   Dual 4-Bit Static Shift Register
logo
Intersil Corporation
CD4015 INTERSIL-CD4015 Datasheet
74Kb / 3P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
National Semiconductor ...
CD4015 NSC-CD4015 Datasheet
134Kb / 6P
   Dual 4-Bit Static Shift Register
logo
List of Unclassifed Man...
CD4015 ETC2-CD4015 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
More results

Mô tả tương tự - CD4015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CD4015BT INTERSIL-CD4015BT Datasheet
74Kb / 3P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
Renesas Technology Corp
CD4015BMS RENESAS-CD4015BMS Datasheet
424Kb / 8P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP Datasheet
262Kb / 6P
   DUAL 4-STAGE STATIC SHIFT REGISTER (WITH SERIAL INPUT/PARALLEL OUTPUT)
logo
STMicroelectronics
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
281Kb / 12P
   DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP_07 Datasheet
347Kb / 9P
   Dual 4-Stage Static Shift Register(with serial input/parallel output)
logo
List of Unclassifed Man...
MMC4015 ETC1-MMC4015 Datasheet
109Kb / 4P
   DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT / PARALLEL OUTPUT
logo
STMicroelectronics
HCF4015B STMICROELECTRONICS-HCF4015B Datasheet
225Kb / 10P
   DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com