công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4010BMS bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện CD4010BMS
Giải thích chi tiết về linh kiện  CMOS Hex Buffer/Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4010BMS bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  CD4010BMS Datasheet HTML 1Page - Intersil Corporation CD4010BMS Datasheet HTML 2Page - Intersil Corporation CD4010BMS Datasheet HTML 3Page - Intersil Corporation CD4010BMS Datasheet HTML 4Page - Intersil Corporation CD4010BMS Datasheet HTML 5Page - Intersil Corporation CD4010BMS Datasheet HTML 6Page - Intersil Corporation CD4010BMS Datasheet HTML 7Page - Intersil Corporation CD4010BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-4
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
7-
V
Propagation Delay
TPHL
VDD = 10V, VCC = 10V
1, 2, 3
+25oC
-
70
ns
VDD = 15V, VCC = 15V
1, 2, 3
+25oC
-
50
ns
Propagation Delay
TPLH
VDD = 10V, VCC = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V, VCC = 15V
1, 2, 3
+25oC
-
70
ns
Propagation Delay
TPHL
VDD = 10V, VCC = 5V
1, 2, 3
+25oC
-
70
ns
VDD = 15V, VCC = 5V
1, 2, 3
+25oC
-
40
ns
Propagation Delay
TPLH
VDD = 10V, VCC = 5V
1, 2, 3
+25oC
-
100
ns
VDD = 15V, VCC = 5V
1, 2, 3
+25oC
-
70
ns
Transition Time
TTHL
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
30
ns
Transition Time
TTLH
VDD = 10V
1, 2, 3
+25oC
-
150
ns
VDD = 15V
1, 2, 3
+25oC
-
110
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial
design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC
-
7.5
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage Delta
∆VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VPTH
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage Delta
∆VPTH
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V, VCC = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-1
IDD
± 0.2µA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CD4010BMS


Số phần tương tự - CD4010BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4010BM TI-CD4010BM Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM TI-CD4010BM Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4010BM TI1-CD4010BM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
CD4010BM96 TI-CD4010BM96 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96 TI-CD4010BM96 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
More results

Mô tả tương tự - CD4010BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
   CMOS Hex Buffer/Converter
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
   CMOS Hex Buffer/Converter
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com